Electronic Components Datasheet Search |
|
HIN208EIB Datasheet(PDF) 7 Page - Intersil Corporation |
|
HIN208EIB Datasheet(HTML) 7 Page - Intersil Corporation |
7 / 22 page 7 FN4315.16 November 4, 2005 HIN232E (PDIP, SOIC, SSOP, TSSOP) TOP VIEW Pin Descriptions PIN FUNCTION VCC Power Supply Input 5V ±10%, (5V ±5% HIN207E). V+ Internally generated positive supply (+10V nominal). V- Internally generated negative supply (-10V nominal). GND Ground Lead. Connect to 0V. C1+ External capacitor (+ terminal) is connected to this lead. C1- External capacitor (- terminal) is connected to this lead. C2+ External capacitor (+ terminal) is connected to this lead. C2- External capacitor (- terminal) is connected to this lead. TIN Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k Ω pull-up resistor to VCC is connected to each lead. TOUT Transmitter Outputs. These are RS-232 levels (nominally ±10V). RIN Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k Ω pull-down resistor to GND is connected to each input. ROUT Receiver Outputs. These are TTL/CMOS levels. EN, EN Receiver Enable Input. With EN = 5V (HIN213E EN=0V), the receiver outputs are placed in a high impedance state. SD, SD Shutdown Input. With SD = 5V (HIN213E SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance state (except R4 and R5 of HIN213E) and the transmitters are shut off. NC No Connect. No connections are made to these leads. Pinouts (Continued) 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 C1+ V+ C1- C2+ C2- R2IN T2OUT VCC T1OUT R1IN R1OUT T1IN T2IN R2OUT GND V- VCC +5V 2 V+ 16 T1OUT T2OUT T1IN T2IN T1 T2 11 10 14 7 +5V 400k Ω +5V 400k Ω R1OUT R1IN R1 13 12 5k Ω R2OUT R2IN R2 8 9 5k Ω +10V TO -10V VOLTAGE INVERTER 0.1 µF 6 V- C2+ C2- + 0.1 µF 4 5 +5V TO 10V VOLTAGE INVERTER C1+ C1- + 0.1 µF 1 3 + 0.1 µF + GND 15 HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E |
Similar Part No. - HIN208EIB |
|
Similar Description - HIN208EIB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |