Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN208EIAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIN208EIAZ
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN208EIAZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIN208EIAZ Datasheet HTML 2Page - Intersil Corporation HIN208EIAZ Datasheet HTML 3Page - Intersil Corporation HIN208EIAZ Datasheet HTML 4Page - Intersil Corporation HIN208EIAZ Datasheet HTML 5Page - Intersil Corporation HIN208EIAZ Datasheet HTML 6Page - Intersil Corporation HIN208EIAZ Datasheet HTML 7Page - Intersil Corporation HIN208EIAZ Datasheet HTML 8Page - Intersil Corporation HIN208EIAZ Datasheet HTML 9Page - Intersil Corporation HIN208EIAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN4315.16
November 4, 2005
HIN211E (SOIC, SSOP)
TOP VIEW
HIN213E (SOIC, SSOP)
TOP VIEW
NOTE: R4 and R5 active in shutdown.
Pinouts (Continued)
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1-
T4OUT
R3OUT
SD
EN
R4IN
T4IN
R5OUT
R5IN
V-
C2-
C2+
R3IN
R4OUT
T3IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T3OUT
T1OUT
T2OUT
R2IN
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1-
T4OUT
R3OUT
SD
EN
R4IN
T4IN
R5OUT
R5IN
V-
C2-
C2+
R3IN
R4OUT
T3IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
11
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
7
6
2
3
20
1
12
14
13
17
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
15
16
R1OUT
R1IN
R1
9
5k
R2OUT
R2IN
R2
4
5
5k
R3OUT
R3IN
R3
27
26
5k
R4OUT
R4IN
R4
23
22
5k
R5OUT
R5IN
R5
18
19
5k
EN
24
8
T4OUT
T4IN
T4
21
28
+5V
400k
SD
25
GND
10
11
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
7
6
2
3
20
1
12
14
13
17
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
15
16
R1OUT
R1IN
R1
9
5k
R2OUT
R2IN
R2
4
5
5k
R3OUT
R3IN
R3
27
26
5k
R4OUT
R4IN
R4
23
22
5k
R5OUT
R5IN
R5
18
19
5k
EN
24
8
T4OUT
T4IN
T4
21
28
+5V
400k
25
SD
GND
10
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - HIN208EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN208EIAZ RENESAS-HIN208EIAZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN208EIAZ-T RENESAS-HIN208EIAZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN208EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com