Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLBAWT-A1-0000-000W51 Datasheet(PDF) 8 Page - Cree, Inc

Part # MLBAWT-A1-0000-000W51
Description  XLamp ML-B LEDs ANSI-compatible sub-bins Electrically neutral thermal path
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLBAWT-A1-0000-000W51 Datasheet(HTML) 8 Page - Cree, Inc

Back Button MLBAWT-A1-0000-000W51_13 Datasheet HTML 3Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 4Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 5Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 6Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 7Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 8Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 9Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 10Page - Cree, Inc MLBAWT-A1-0000-000W51_13 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright © 2010-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
8
XLamp mL-B LEDs
storage conditions
XLamp mL-B LeDs that have been removed from the original mBB packaging but not soldered should be stored in one
of the following ways:
Store the parts in a rigid metal container with a tight-fitting lid. Verify that the storage temperature is <30 °C, and
place fresh desiccant and an RH indicator in the container to verify that the RH is no greater than 60%.
Store the parts in a dry, nitrogen-purged cabinet or container that actively maintains the temperature at <30° and
the RH at no greater than 60%.
For short-term store only: LeDs can be resealed in the original mBB bag soon after opening. Fresh desiccant may be
needed. Use the included humidity indicator card to verify <60% RH.
If an environment of <60% RH is not available for storage, XLamp ML-B LEDs should be baked (described above) before
reflow soldering.
rohs compliance
The levels of RoHS restricted materials in this product are below the maximum concentration values (also referred to
as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU
Directive 2011/65/EC (RoHS2), as amended through June 8, 2011. RoHS Declarations for this product can be obtain
from your Cree representative or obtained from the product ecology section of www.cree.com.
reach compliance
REACh substances of high concern (SVHCs) information is available for this product. Since the European Chemical
Agency (ECHA) has published notices of their intent to frequently revise the SVHC listing for the foreseeable future,
please contact a Cree representative to insure you get the most up-to-date REACh Declaration. Historical REACh banned
substance information (substances restricted or banned in the EU prior to 2010) is also available upon request.
ul recognized component
Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical
enclosure per ANSI/UL 8750.
vision advisory claim
wARNING. Do not look at exposed LeD lamps in operation. eye injury can result. For more information about LeDs and
eye safety, please refer to the Cree LED Eye Safety Application Note (www.cree.com/xlamp_app_notes/led_eye_safety).


Similar Part No. - MLBAWT-A1-0000-000W51_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
MLBAWT-A1-0000-000W51 CREE-MLBAWT-A1-0000-000W51 Datasheet
555Kb / 7P
   XLamp ML-B LEDs
More results

Similar Description - MLBAWT-A1-0000-000W51_13

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLBAWT-A1-0000-000V51 CREE-MLBAWT-A1-0000-000V51 Datasheet
555Kb / 7P
   XLamp ML-B LEDs
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
ML-B CREE-ML-B Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-B LEDs
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com