Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A2F060M3D-TQG256YI Datasheet(PDF) 2 Page - Microsemi Corporation

Part # A2F060M3D-TQG256YI
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F060M3D-TQG256YI Datasheet(HTML) 2 Page - Microsemi Corporation

  A2F060M3D-TQG256YI Datasheet HTML 1Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 2Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 3Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 4Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 5Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 6Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 7Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 8Page - Microsemi Corporation A2F060M3D-TQG256YI Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
II
Revision 10
SmartFusion cSoC Family Product Table
FPGA Fabric
A2F060
A2F200
A2F500
TQ144 CS288 FG256 PQ208 CS288 FG256 FG484 PQ208 CS288 FG256 FG484
System Gates
60,000
200,000
500,000
Tiles (D-flip-flops)
1,536
4,608
11,520
RAM Blocks (4,608 bits)
8
8
24
Microcontroller Subsystem (MSS)
A2F060
A2F200
A2F500
TQ144 CS288 FG256 PQ208 CS288 FG256 FG484 PQ208 CS288 FG256 FG484
Flash (Kbytes)
128
256
512
SRAM (Kbytes)
16
64
64
Cortex-M3 processor with MPU
Yes
Yes
Yes
10/100 Ethernet MAC
No
Yes
Yes
External Memory Controller (EMC)
26-/16-bit
address/data
26-bit address,16-bit data
26-/16-bit address/data
DMA
8 Ch
8 Ch
8 Ch
I2C2
2
2
SPI
1
2
1
2
1
2
16550 UART
2
2
2
32-Bit Timer
2
2
2
PLL
1
1
1
2
1
2
32 KHz Low Power Oscillator
1
1
1
100 MHz On-Chip RC Oscillator
1
1
1
Main Oscillator (32 KHz to 20 MHz)
1
1
1
Programmable Analog
A2F060
A2F200
A2F500
TQ144 CS288 FG256 PQ208 CS288 FG256 FG484 PQ208 CS288 FG256 FG484
ADCs (8-/10-/12-bit SAR)
1
2
2
3
DACs (8-/16-/24-bit sigma-delta)
1
2
2
3
Signal Conditioning Blocks (SCBs)
1
4
4
5
Comparator*
2
8
8
10
Current Monitors*
1
4
4
5
Temperature Monitors*
1
4
4
5
Bipolar High Voltage Monitors*
2
8
8
10
Note: *These functions share I/O pins and may not all be available at the same time. See the "Analog Front-End Overview" section in
the SmartFusion Programmable Analog User’s Guide for details.


Similar Part No. - A2F060M3D-TQG256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F060 MICROSEMI-A2F060 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F060 MICROSEMI-A2F060 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A2F060 MICROSEMI-A2F060 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
More results

Similar Description - A2F060M3D-TQG256YI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com