Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202ECBZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # 202ECBZ
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

202ECBZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button 202ECBZ Datasheet HTML 3Page - Intersil Corporation 202ECBZ Datasheet HTML 4Page - Intersil Corporation 202ECBZ Datasheet HTML 5Page - Intersil Corporation 202ECBZ Datasheet HTML 6Page - Intersil Corporation 202ECBZ Datasheet HTML 7Page - Intersil Corporation 202ECBZ Datasheet HTML 8Page - Intersil Corporation 202ECBZ Datasheet HTML 9Page - Intersil Corporation 202ECBZ Datasheet HTML 10Page - Intersil Corporation 202ECBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN4315.16
November 4, 2005
HIN232E (PDIP, SOIC, SSOP, TSSOP)
TOP VIEW
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
±10%, (5V ±5% HIN207E).
V+
Internally generated positive supply (+10V nominal).
V-
Internally generated negative supply (-10V nominal).
GND
Ground Lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
Ω pull-up resistor to VCC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
±10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
Ω pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN, EN
Receiver Enable Input. With EN = 5V (HIN213E EN=0V), the receiver outputs are placed in a high impedance state.
SD, SD
Shutdown Input. With SD = 5V (HIN213E SD = 0V), the charge pump is disabled, the receiver outputs are in a high impedance
state (except R4 and R5 of HIN213E) and the transmitters are shut off.
NC
No Connect. No connections are made to these leads.
Pinouts (Continued)
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
V-
VCC
+5V
2
V+
16
T1OUT
T2OUT
T1IN
T2IN
T1
T2
11
10
14
7
+5V
400k
+5V
400k
R1OUT
R1IN
R1
13
12
5k
R2OUT
R2IN
R2
8
9
5k
+10V TO -10V
VOLTAGE INVERTER
0.1
µF
6
V-
C2+
C2-
+
0.1
µF
4
5
+5V TO 10V
VOLTAGE INVERTER
C1+
C1-
+
0.1
µF
1
3
+
0.1
µF
+
GND
15
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - 202ECBZ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
202 LITTELFUSE-202 Datasheet
40Kb / 1P
   FLAT-PAK Fast Acting Fuse202 Series
logo
Marl International Limi...
202 MARL-202 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
logo
Alpha Wire
202 ALPHAWIRE-202 Datasheet
195Kb / 2P
   M12-A Female 4 Pin Field Attachable
logo
Vishay Siliconix
202 VISHAY-202 Datasheet
116Kb / 4P
   1 3/4" (44.5 mm) Single Turn Wirewound Precision Potentiometer
01-Jan-2022
logo
Marl International Limi...
202-000-04-51 MARL-202-000-04-51 Datasheet
247Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1
More results

Similar Description - 202ECBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com