Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTD113ZT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PDTD113ZT
Description  NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTD113ZT Datasheet(HTML) 7 Page - NXP Semiconductors

  PDTD113ZT_13 Datasheet HTML 1Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 2Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 3Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 4Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 5Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 6Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 7Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 8Page - NXP Semiconductors PDTD113ZT_13 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PDTD113ZT_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 23 March 2009
7 of 9
NXP Semiconductors
PDTD113ZT
NPN 500 mA resistor-equipped transistor; R1 = 1 k
Ω, R2 = 10 kΩ
11. Revision history
Table 9.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTD113ZT_2
20090323
Product data sheet
-
PDTD113Z_SER_1
Modifications:
The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Type numbers PDTD113ZK and PDTD113ZS removed
• Table 5 “Limiting values”: typo for maximum value of VI positive corrected
• Section 10 “Soldering”: added
• Section 12 “Legal information”: updated
PDTD113Z_SER_1
20050405
Product data sheet
-
-


Similar Part No. - PDTD113ZT_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
More results

Similar Description - PDTD113ZT_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMN31 NXP-PIMN31 Datasheet
94Kb / 11P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-19 June 2007
logo
Nexperia B.V. All right...
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
logo
NXP Semiconductors
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
logo
Nexperia B.V. All right...
PIMC31 NEXPERIA-PIMC31 Datasheet
228Kb / 14P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
logo
Nexperia B.V. All right...
PDTA113Z_SER NEXPERIA-PDTA113Z_SER Datasheet
236Kb / 19P
   PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com