Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK60S2DPD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK60S2DPD
Description  600V - 10A - SJ MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK60S2DPD Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK60S2DPD Datasheet HTML 1Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 2Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 3Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 4Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 5Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 6Page - Renesas Technology Corp RJK60S2DPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJK60S2DPD
Preliminary
R07DS0741EJ0003 Rev.0.03
Page 4 of 6
Nov 30, 2012
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
110
100
1000
100
10
di/dt = 100 A/
μs
VGS = 0, Ta = 25°C
1000
100
10
1
10000
050
150
100
300
250
200
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
0.1
Ta = 25
°C
Ciss
Coss
Crss
VGS = 0
f = 100 kHz
800
16
600
12
400
8
200
0
4
0
Gate Charge
Qg (nC)
Dynamic Input Characteristics (Typical)
0
4
8
12
20
16
VGS
VDS
ID = 1 A
Ta = 25
°C
VDD = 480 V
300 V
100 V
VDD = 480 V
300 V
100 V
00.4
0.8
1.6
1.2
100
1
10
0.1
VGS = 0
Pulse Test
25
°C
Ta = 125
°C
Case Temperature
Tc (
°C)
Drain to Source Breakdown Voltage
vs. Case Temperature (Typical)
400
600
500
700
800
−25
0
50
25
75
100 125 150
ID = 10 mA
VGS = 0
0
2
1
3
4
5
6
−25
0
50
25
75
100 125 150
Case Temperature
Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
ID = 1 mA
0.1 mA
VDS = 10 V


Similar Part No. - RJK60S2DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0-T2 RENESAS-RJK60S2DPP-E0-T2 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0T2 RENESAS-RJK60S2DPP-E0T2 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
More results

Similar Description - RJK60S2DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0_13 Datasheet
104Kb / 7P
   600V - 10A - SJ MOS FET High Speed Power Switching
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
   600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S3DPP-E0 RENESAS-RJK60S3DPP-E0 Datasheet
85Kb / 7P
   600V - 12A - SJ MOS FET High Speed Power Switching
RJK60S7DPK-M0 RENESAS-RJK60S7DPK-M0 Datasheet
99Kb / 8P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S7DPP-E0 RENESAS-RJK60S7DPP-E0 Datasheet
88Kb / 7P
   600V -30A - SJ MOS FET High Speed Power Switching
RJK60S1DPP-E0 RENESAS-RJK60S1DPP-E0 Datasheet
105Kb / 7P
   600V - 8A - SJ MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com