Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ12VDLDG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMBZ12VDLDG
Description  Double ESD protection diodes for transient overvoltage suppression
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ12VDLDG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMBZ12VDLDG Datasheet HTML 2Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 3Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 4Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 5Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 6Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 7Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 8Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 9Page - NXP Semiconductors MMBZ12VDLDG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MMBZXVCL_MMBZXVDL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 September 2008
6 of 15
NXP Semiconductors
MMBZxVCL; MMBZxVDL series
Double ESD protection diodes for transient overvoltage suppression
7.
Characteristics
Table 10.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
MMBZ12VDL
MMBZ12VDL/DG
IF = 10 mA
-
-
0.9
V
MMBZ15VDL
MMBZ15VDL/DG
IF = 10 mA
-
-
0.9
V
MMBZ18VCL
MMBZ18VCL/DG
IF = 10 mA
-
-
0.9
V
MMBZ20VCL
MMBZ20VCL/DG
IF = 10 mA
-
-
0.9
V
MMBZ27VCL
MMBZ27VCL/DG
IF = 200 mA
-
-
1.1
V
MMBZ33VCL
MMBZ33VCL/DG
IF = 10 mA
-
-
0.9
V
VRWM
reverse standoff
voltage
MMBZ12VDL
MMBZ12VDL/DG
-
-
8.5
V
MMBZ15VDL
MMBZ15VDL/DG
-
-
12.8
V
MMBZ18VCL
MMBZ18VCL/DG
-
-
14.5
V
MMBZ20VCL
MMBZ20VCL/DG
--17
V
MMBZ27VCL
MMBZ27VCL/DG
--22
V
MMBZ33VCL
MMBZ33VCL/DG
--26
V
IRM
reverse leakage current
MMBZ12VDL
MMBZ12VDL/DG
VRWM = 8.5 V
-
0.1
5
nA
MMBZ15VDL
MMBZ15VDL/DG
VRWM = 12.8 V
-
0.1
5
nA
MMBZ18VCL
MMBZ18VCL/DG
VRWM = 14.5 V
-
0.1
5
nA
MMBZ20VCL
MMBZ20VCL/DG
VRWM =17V
-
0.1
5
nA
MMBZ27VCL
MMBZ27VCL/DG
VRWM =22V
-
0.1
5
nA
MMBZ33VCL
MMBZ33VCL/DG
VRWM =26V
-
0.1
5
nA


Similar Part No. - MMBZ12VDLDG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZ12VDL NXP-MMBZ12VDL Datasheet
79Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZ12VDL/DG NXP-MMBZ12VDL/DG Datasheet
79Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
More results

Similar Description - MMBZ12VDLDG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZXVDL NXP-MMBZXVDL Datasheet
79Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZXVCL PHILIPS-MMBZXVCL Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZXVAL NXP-MMBZXVAL Datasheet
78Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
logo
Nexperia B.V. All right...
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ27VCL-Q NEXPERIA-MMBZ27VCL-Q Datasheet
217Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ15VDL NEXPERIA-MMBZ15VDL Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ27VCL NEXPERIA-MMBZ27VCL Datasheet
218Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ33VCL NEXPERIA-MMBZ33VCL Datasheet
215Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
17 August 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com