Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN208E Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIN208E
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN208E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIN208E Datasheet HTML 6Page - Intersil Corporation HIN208E Datasheet HTML 7Page - Intersil Corporation HIN208E Datasheet HTML 8Page - Intersil Corporation HIN208E Datasheet HTML 9Page - Intersil Corporation HIN208E Datasheet HTML 10Page - Intersil Corporation HIN208E Datasheet HTML 11Page - Intersil Corporation HIN208E Datasheet HTML 12Page - Intersil Corporation HIN208E Datasheet HTML 13Page - Intersil Corporation HIN208E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN4315.16
November 4, 2005
Detailed Description
The HIN2XXE family of high-speed RS-232
transmitters/receivers are powered by a single +5V power
supply, feature low power consumption, and meet all ElA
RS232C and V.28 specifications. The circuit is divided into
three sections: the charge pump, transmitter, and receiver.
Charge Pump
An equivalent circuit of the charge pump is illustrated in
Figure 3. The charge pump contains two sections: the
voltage doubler and the voltage inverter. Each section is
driven by a two phase, internally generated clock to
generate +10V and -10V. The nominal clock frequency is
125kHz. During phase one of the clock, capacitor C1 is
charged to VCC . During phase two, the voltage on C1 is
added to VCC, producing a signal across C3 equal to twice
VCC. During phase two, C2 is also charged to 2VCC, and
then during phase one, it is inverted with respect to ground
to produce a signal across C4 equal to -2VCC. The charge
pump accepts input voltages up to 5.5V. The output
impedance of the voltage doubler section (V+) is
approximately 200
Ω, and the output impedance of the
voltage inverter section (V-) is approximately 450
Ω. A typical
application uses 0.1
µF capacitors for C1-C4, however, the
value is not critical. Increasing the values of C1 and C2 will
lower the output impedance of the voltage doubler and
inverter, increasing the values of the reservoir capacitors, C3
and C4, lowers the ripple on the V+ and V- supplies.
During shutdown mode (HIN206E, HIN211E and HIN213E)
the charge pump is turned off, V+ is pulled down to VCC, V-
is pulled up to GND, and the supply current is reduced to
less than 10
µA. The transmitter outputs are disabled and the
receiver outputs (except for HIN213E, R4 and R5) are
placed in the high impedance state.
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic
threshold is about 26% of VCC, or 1.3V for VCC = 5V. A logic
1 at the input results in a voltage of between -5V and V- at
the output, and a logic 0 results in a voltage between +5V
and (V+ -0.6V). Each transmitter input has an internal 400k
pullup resistor so any unused input can be left unconnected
and its output remains in its low state. The output voltage
swing meets the RS-232C specifications of
±5V minimum
with the worst case conditions of: all transmitters driving 3k
minimum load impedance, VCC = 4.5V, and maximum
allowable operating temperature. The transmitters have an
internally limited output slew rate which is less than 30V/
µs.
The outputs are short circuit protected and can be shorted to
ground indefinitely. The powered down output impedance is
a minimum of 300
Ω with ±2V applied to the outputs and
VCC = 0V.
Receivers
The receiver inputs accept up to
±30V while presenting the
required 3k
Ω to 7kΩ input impedance even if the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the
±3V limits, known as the transition
region, of the RS-232 specifications. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis (except during shutdown) to improve noise
rejection. The receiver Enable line EN, (EN on HIN213E)
when unasserted, disables the receiver outputs, placing
them in the high impedance mode. The receiver outputs are
also placed in the high impedance state when in shutdown
mode (except HIN213E R4 and R5).
+
-
C1
+
-
C3
+
-
C2
+
-
C4
S1
S2
S5
S6
S3
S4
S7
S8
VCC
GND
RC
OSCILLATOR
VCC
GND
V+ = 2VCC
GND
V
- = - (V+)
C1+
C1
-
C2
-
C2+
VOLTAGE INVERTER
VOLTAGE DOUBLER
FIGURE 3. CHARGE PUMP
TOUT
V- < VTOUT < V+
300
400k
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 4. TRANSMITTER
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - HIN208E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN208E RENESAS-HIN208E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN208ECAZ RENESAS-HIN208ECAZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN208ECAZ-T RENESAS-HIN208ECAZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN208ECBZ RENESAS-HIN208ECBZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN208ECBZ-T RENESAS-HIN208ECBZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN208E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com