Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN206E Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIN206E
Description  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN206E Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIN206E Datasheet HTML 4Page - Intersil Corporation HIN206E Datasheet HTML 5Page - Intersil Corporation HIN206E Datasheet HTML 6Page - Intersil Corporation HIN206E Datasheet HTML 7Page - Intersil Corporation HIN206E Datasheet HTML 8Page - Intersil Corporation HIN206E Datasheet HTML 9Page - Intersil Corporation HIN206E Datasheet HTML 10Page - Intersil Corporation HIN206E Datasheet HTML 11Page - Intersil Corporation HIN206E Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN4315.16
November 4, 2005
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) < VCC < 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . (VCC -0.3V) < V+ < 12V
V- to Ground . . . . . . . . . . . . . . . . . . . . . . .-12V < V- < (GND +0.3V)
Input Voltages
TIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V < VIN < (V+ +0.3V)
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±30V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . .(V- -0.3V) < VTXOUT < (V+ +0.3V)
ROUT . . . . . . . . . . . . . . . . . (GND -0.3V) < VRXOUT < (V+ +0.3V)
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ROUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Continuous
ESD Classification . . . . . . . . . . . . . . . . . . . . See Specification Table
Operating Conditions
Temperature Range
HIN2XXECX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
HIN2XXEIX. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 1)
θ
JA (°C/W)
16 Ld SOIC (N) Package . . . . . . . . . . . . . . . . . . . . .
110
16 Ld SOIC (W) Package. . . . . . . . . . . . . . . . . . . . .
100
16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
155
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
145
16 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
90
24 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
75
24 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
135
28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
70
28 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC and SSOP - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: VCC = +5V ±10%, (VCC = +5V ±5% HIN207E); C1-C4 = 0.1µF; TA = Operating Temperature
Range
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENTS
Power Supply Current, ICC
No Load,
TA = 25°C
HIN202E
-
8
15
mA
HIN206E - HIN208E, HIN211E,
HIN213E
-11
20
mA
HIN232E
-
5
10
mA
Shutdown Supply Current, ICC(SD)
TA = 25°C
HIN206E, HIN211E
-
1
10
µA
HIN213E
-
15
50
µA
LOGIC AND TRANSMITTER INPUTS, RECEIVER OUTPUTS
Input Logic Low, VlL
TIN, EN, SD, EN, SD
--
0.8
V
Input Logic High, VlH
TIN
2.0
-
-
V
EN, SD, EN, SD
2.4
-
-
V
Transmitter Input Pullup Current, IP
TIN = 0V
-
15
200
µA
TTL/CMOS Receiver Output Voltage Low, VOL
IOUT = 1.6mA (HIN202E, HIN232E, IOUT = 3.2mA)
-
0.1
0.4
V
TTL/CMOS Receiver Output Voltage High, VOH
IOUT = -1mA
3.5
4.6
-
V
TTL/CMOS Receiver Output Leakage
EN = VCC, EN = 0, 0V < ROUT < VCC
-0.5
±10
µA
RECEIVER INPUTS
RS-232 Input Voltage Range, VIN
-30
-
+30
V
Receiver Input Impedance, RIN
TA = 25°C, VIN = ±3V
3.0
5.0
7.0
k
Receiver Input Low Threshold, VIN (H-L)
VCC = 5V,
TA = 25°C
Active Mode
-
1.2
-
V
Shutdown Mode HIN213E R4 and R5
-
1.5
-
V
Receiver Input High Threshold, VIN (L-H)
VCC = 5V,
TA = 25°C
Active Mode
-
1.7
2.4
V
Shutdown Mode HIN213E R4 and R5
-
1.5
2.4
V
Receiver Input Hysteresis, VHYST
VCC = 5V, No Hysteresis in Shutdown Mode
0.2
0.5
1.0
V
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E


Similar Part No. - HIN206E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN206E RENESAS-HIN206E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN206ECBZ RENESAS-HIN206ECBZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN206ECBZ-T RENESAS-HIN206ECBZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN206EIAZ RENESAS-HIN206EIAZ Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN206EIAZ-T RENESAS-HIN206EIAZ-T Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results

Similar Description - HIN206E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232A RENESAS-HIN232A Datasheet
494Kb / 10P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com