Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39803-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39803-48
Description  7/16 DIN Male to 7/16 DIN Male Low PIM Cable 144 Inch Length Using 1/2 inch Superflexible Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39803-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39803-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39803-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39803-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39803-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
1/2” Superflexible Coax Low PIM Assembly
High Performance Factory Assembled Corrugated Coaxial Cable Jumpers
• Soldering Technology and connector design provides a very durable assembly with superior PIM and VSWR
performance.
• Carefully selected assemblies provide the highest quality available on the market today.
• 100% electrical tested for PIM and VSWR ensuring optimum installed performance.
• Availablein1/2”Flexibleand1/2”Superflexiblecablesinanylength,offeringthebestcablesolutionfortherequired
performance and application.
• Injection molded boot for added strain relief and weather sealing ensuring long term durability.
• PE398031/2”Superflexiblecableassembliesareavailableinstandardlengthsof36,48,72,96,120,144,168,192,
and240inches.Customlengthsavailableonrequest.
Configuration
Connector1
7/16DINMale
Connector2
7/16DINMale
CableType
1/2”Superflexible
Electrical Specifications
FrequencyRange,GHz
DCto2.7
Impedance,Ohms
50
Maximum VSWR
1.11:1
VelocityofPropagation,%
83
RFShielding,dB
120
PeakPower,KWatts
16
PassiveIntermodulation,dBc
-160
Typical Performance by Frequency
Frequency 1
Frequency,MHz
900
VSWR
1.07:1
InsertionLoss
0.032dB/ft+0.1dB[0.1dB/m+0.1dB]
Frequency 2
Frequency,GHz
1.8
VSWR
1.09:1
InsertionLoss
0.047dB/ft+0.1[0.15dB/m+0.1dB]
Frequency 3
Frequency,GHz
2.2
VSWR
1.09:1
InsertionLoss
0.053dB/ft+0.1dB[0.17dB/m+0.1dB]
Clickthefollowinglink(orenterpartnumberin“SEARCH”onwebsite)toobtainadditionalpartinformationincludingprice,
inventoryandcertifications: 7/16DINMaleto7/16DINMaleLowPIMCable144InchLengthUsing1/2inchSuperflexible
Coax,RoHSPE39803-144
PE39803-144REVA
PE39803-144
7/16DINMaleto7/16DINMaleLowPIMCable144Inch
LengthUsing1/2inchSuperflexibleCoax,RoHS


Similar Part No. - PE39803-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39803-48 PASTERNACK-PE39803-48 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-48 PASTERNACK-PE39803-48 Datasheet
353Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 48 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-48 PASTERNACK-PE39803-48 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 72 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-48 PASTERNACK-PE39803-48 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 120 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-48 PASTERNACK-PE39803-48 Datasheet
353Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 168 Inch Length Using 1/2 inch Superflexible Coax, RoHS
More results

Similar Description - PE39803-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39803-36 PASTERNACK-PE39803-36 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 36 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-72 PASTERNACK-PE39803-72 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 72 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-168 PASTERNACK-PE39803-168 Datasheet
353Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 168 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-240 PASTERNACK-PE39803-240 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 240 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-192 PASTERNACK-PE39803-192 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 192 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-120 PASTERNACK-PE39803-120 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 120 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-48 PASTERNACK-PE39803-48 Datasheet
353Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 48 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39803-96 PASTERNACK-PE39803-96 Datasheet
347Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 96 Inch Length Using 1/2 inch Superflexible Coax, RoHS
PE39802-144 PASTERNACK-PE39802-144 Datasheet
345Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 144 Inch Length Using 1/2 inch Flexible Coax, RoHS
PE39802-240 PASTERNACK-PE39802-240 Datasheet
351Kb / 4P
   7/16 DIN Male to 7/16 DIN Male Low PIM Cable 240 Inch Length Using 1/2 inch Flexible Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com