Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46E351 Datasheet(PDF) 2 Page - Rohm

Part # BD46E351
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46E351 Datasheet(HTML) 2 Page - Rohm

  BD46E351 Datasheet HTML 1Page - Rohm BD46E351 Datasheet HTML 2Page - Rohm BD46E351 Datasheet HTML 3Page - Rohm BD46E351 Datasheet HTML 4Page - Rohm BD46E351 Datasheet HTML 5Page - Rohm BD46E351 Datasheet HTML 6Page - Rohm BD46E351 Datasheet HTML 7Page - Rohm BD46E351 Datasheet HTML 8Page - Rohm BD46E351 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Datasheet
2/14
TSZ02201-0R7R0G300110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
23.May.2013 Rev.003
www.rohm.com
TSZ22111・15・001
BD45Exxxx-M series
BD46Exxxx-M series
●Ordering Information
B
D
x
x
E
x
x
x
x
-
M
T
R
Part
Output Type
Reset Voltage Value Counter Timer
Package
Automotive Accessories
Packaging and
Number
45 : Open Drain
23 : 2.3V
Delay Time Settings G : SSOP5
forming specification
46 : CMOS
0.1V step
5 : 50ms
TR : Embossed tape
48 : 4.8V
1 : 100ms
and reel
2 : 200ms
●Lineup
Table 1. Open Drain Output Type
Counter Timer Delay Time Settings
50ms
100ms
200ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
a2
BD45E485
d1
BD45E481
f9
BD45E482
4.7V
a1
BD45E475
c9
BD45E471
f8
BD45E472
4.6V
Yy
BD45E465
c8
BD45E461
f7
BD45E462
4.5V
Yr
BD45E455
c7
BD45E451
f6
BD45E452
4.4V
Yp
BD45E445
c6
BD45E441
f5
BD45E442
4.3V
Yn
BD45E435
c5
BD45E431
f4
BD45E432
4.2V
Ym
BD45E425
c4
BD45E421
f3
BD45E422
4.1V
Yk
BD45E415
c3
BD45E411
f2
BD45E412
4.0V
Yh
BD45E405
c2
BD45E401
f1
BD45E402
3.9V
Yg
BD45E395
c1
BD45E391
e9
BD45E392
3.8V
Yf
BD45E385
b9
BD45E381
e8
BD45E382
3.7V
Ye
BD45E375
b8
BD45E371
e7
BD45E372
3.6V
Yd
BD45E365
b7
BD45E361
e6
BD45E362
3.5V
Yc
BD45E355
b6
BD45E351
e5
BD45E352
3.4V
Yb
BD45E345
b5
BD45E341
e4
BD45E342
3.3V
Ya
BD45E335
b4
BD45E331
e3
BD45E332
3.2V
Uy
BD45E325
b3
BD45E321
e2
BD45E322
3.1V
Ur
BD45E315
b2
BD45E311
e1
BD45E312
3.0V
Up
BD45E305
b1
BD45E301
d9
BD45E302
2.9V
Un
BD45E295
a9
BD45E291
d8
BD45E292
2.8V
Um
BD45E285
a8
BD45E281
d7
BD45E282
2.7V
Uk
BD45E275
a7
BD45E271
d6
BD45E272
2.6V
Uh
BD45E265
a6
BD45E261
d5
BD45E262
2.5V
Ug
BD45E255
a5
BD45E251
d4
BD45E252
2.4V
Uf
BD45E245
a4
BD45E241
d3
BD45E242
2.3V
Ue
BD45E235
a3
BD45E231
d2
BD45E232
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
S
S


Similar Part No. - BD46E351

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46E351-M ROHM-BD46E351-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46E351-TR ROHM-BD46E351-TR Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD46E351

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45EXXXX-M ROHM-BD45EXXXX-M Datasheet
1Mb / 18P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com