Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4053B Datasheet(PDF) 11 Page - NXP Semiconductors

Part # HEF4053B
Description  Triple single-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4053B Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button HEF4053B_13 Datasheet HTML 7Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 8Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 9Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 10Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 11Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 12Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 13Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 14Page - NXP Semiconductors HEF4053B_13 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
HEF4053B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 10 — 17 November 2011
11 of 20
NXP Semiconductors
HEF4053B
Triple single-pole double-throw analog switch
11.2 Additional dynamic parameters
[1]
fi is biased at 0.5 VDD; VI =0.5VDD (p-p).
11.2.1 Test circuits
Table 11.
Additional dynamic characteristics
VSS = VEE = 0 V; Tamb = 25 C.
Symbol
Parameter
Conditions
VDD
Typ
Max
Unit
THD
total harmonic distortion
see Figure 16; RL =10k; CL =15pF;
channel ON; VI =0.5VDD (p-p);
fi =1 kHz
5 V
[1] 0.25
-
%
10 V
[1] 0.04
-
%
15 V
[1] 0.04
-
%
f(3dB)
3 dB frequency response see Figure 17; R
L = 1 k; CL = 5 pF;
channel ON; VI =0.5VDD (p-p)
5 V
[1] 13
-
MHz
10 V
[1] 40
-
MHz
15 V
[1] 70
-
MHz
iso
isolation (OFF-state)
see Figure 18; fi = 1 MHz; RL = 1 k;
CL = 5 pF; channel OFF;
VI =0.5VDD (p-p)
10 V
[1]
50
-
dB
Vct
crosstalk voltage
digital inputs to switch; see Figure 19;
RL = 10 k; CL =15 pF;
E or Sn = VDD (square-wave)
10 V
50
-
mV
Xtalk
crosstalk
between switches; see Figure 20;
fi = 1 MHz; RL =1 k;
VI =0.5VDD (p-p)
10 V
[1]
50
-
dB
Table 12.
Dynamic power dissipation PD
PD can be calculated from the formulas shown; VEE = VSS =0 V; tr = tf 20 ns; Tamb = 25 C.
Symbol
Parameter
VDD
Typical formula for PD (W)
where:
PD
dynamic power
dissipation
5V
PD = 2500  fi + (fo  CL)  VDD2
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VDD = supply voltage in V;
(C
L  fo) = sum of the outputs.
10 V
PD = 11500  fi + (fo  CL)  VDD2
15 V
PD = 29000  fi + (fo  CL)  VDD2
Fig 16. Test circuit for measuring total harmonic
distortion
Fig 17. Test circuit for measuring frequency response
D
001aaj904
VSS
fi
RL
CL
switch
VSS = VEE
S1 to S3
E
nZ
nY0
VDD or VSS
VDD
nY1
1
2
dB
001aaj905
VSS
fi
RL
CL
switch
VSS = VEE
S1 to S3
E
nZ
nY0
VDD or VSS
VDD
nY1
1
2


Similar Part No. - HEF4053B_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
More results

Similar Description - HEF4053B_13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com