Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK03P6DPA-00-J5A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJK03P6DPA-00-J5A
Description  Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03P6DPA-00-J5A Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJK03P6DPA-00-J5A Datasheet HTML 1Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 2Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 3Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 4Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 5Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 6Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 7Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 8Page - Renesas Technology Corp RJK03P6DPA-00-J5A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RJK03P6DPA
Preliminary
R07DS0905EJ0110 Rev.1.10
Page 4 of 10
Nov 01, 2012
Main Characteristics
• MOS1
100
0
2
468
10
20
16
12
8
4
0
12
3
4
5
10
3
1
30
300
1
10
100
1000
3
400
300
200
0
4
8
12
16
20
10 A
100
30
10 V
5 A
20
15
10
5
0
50
100
150
200
0.1
1
10
100
10
100
1000
1
0.1
1 ms
2.6 V
2.8 V
3.0V
10 V
4.5 V
20
16
12
8
4
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
10
s
Tc = 25 °C
1 shot Pulse
this area is
DS(on)
Gate to Source Voltage VGS (V)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Typical Transfer Characteristics
VDS = 5 V
Pulse Test
Pulse Test
VGS = 2.4 V
Tc = 75°C
25°C
–25°C
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source On State Resistance
vs. Drain Current
Pulse Test
Pulse Test
ID = 20 A
VGS = 4.5 V


Similar Part No. - RJK03P6DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03P0DPA RENESAS-RJK03P0DPA Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P0DPA-00-J5A RENESAS-RJK03P0DPA-00-J5A Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P7DPA RENESAS-RJK03P7DPA Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P7DPA-00-J5A RENESAS-RJK03P7DPA-00-J5A Datasheet
259Kb / 11P
   MOS2 30 V, 30 A, 5.3 m max. High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK03P6DPA-00-J5A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03R4DPA RENESAS-RJK03R4DPA Datasheet
287Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P0DPA RENESAS-RJK03P0DPA Datasheet
400Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03P9DPA RENESAS-RJK03P9DPA Datasheet
335Kb / 11P
   Built in SBD Dual N-channel Power MOS FET High Speed Power Switching
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com