Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD643 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BD643
Description  SILICON DARLINGTON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD643 Datasheet(HTML) 4 Page - Comset Semiconductor

  BD643 Datasheet HTML 1Page - Comset Semiconductor BD643 Datasheet HTML 2Page - Comset Semiconductor BD643 Datasheet HTML 3Page - Comset Semiconductor BD643 Datasheet HTML 4Page - Comset Semiconductor BD643 Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BD643 – 645 – 647 – 649 – 651
17/10/2012
COMSET SEMICONDUCTORS
4 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VBE
Base-Emitter Voltage (*)
IC=4 A, VCE=3 V
BD643
-
-
2.5
V
IC=3 A, VCE=3 V
BD645
-
-
2.5
BD647
BD649
BD651
hFE
DC Current Gain (*)
VCE=3.0 V, IC=0.5 A
BD643
-
1900
-
-
BD645
BD647
BD649
BD651
VCE=3.0 V, IC=4 A
BD643
750
-
-
VCE=3.0 V, IC=3 A
BD645
750
-
-
BD647
BD649
BD651
VCE=3.0 V, IC=8 A
BD643
-
1800
-
BD645
BD647
BD649
BD651
hfe
Small Signal Current Gain
VCE=3.0 V, IC=4 A
f=1MHz
BD643
10
-
-
-
VCE=3.0 V, IC=3 A
f=1MHz
BD645
10
-
-
BD647
10
-
-
BD649
10
-
-
BD651
10
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%


Similar Part No. - BD643

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD643 SIEMENS-BD643 Datasheet
125Kb / 4P
   NPN SILICON DARLINGTON TRANSISTORS
BD643 SIEMENS-BD643 Datasheet
127Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Savantic, Inc.
BD643 SAVANTIC-BD643 Datasheet
92Kb / 3P
   Silicon NPN Dalington Power Transistors
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD643 ISC-BD643 Datasheet
132Kb / 3P
   Silicon NPN Dalington Power Transistors
More results

Similar Description - BD643

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BDT63 COMSET-BDT63 Datasheet
111Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
TIP105 COMSET-TIP105 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP115 COMSET-TIP115 Datasheet
102Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP120 COMSET-TIP120 Datasheet
103Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
2N6667 ONSEMI-2N6667_07 Datasheet
102Kb / 6P
   Darlington Silicon Power Transistors
November, 2007 - Rev. 6
logo
Comset Semiconductor
BU806 COMSET-BU806 Datasheet
101Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
TIP130 COMSET-TIP130 Datasheet
100Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com