Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1-2132415-0 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1-2132415-0
Description  HEADER ASSEMBLY, VERTICAL ECONOMY POWER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-2132415-0 Datasheet(HTML) 1 Page - Tyco Electronics

  1-2132415-0 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1-2132415-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-2132415-0 TEC-1-2132415-0 Datasheet
492Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1-2132415-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-2132230-2 MACOM-1-2132230-2 Datasheet
110Kb / 1P
   HEADER ASSEMBLY VERTICAL ECONOMY POWER 2.5MM CENTERLINE
logo
TE Connectivity Ltd
ENG_CD_1744037 TEC-ENG_CD_1744037 Datasheet
367Kb / 2P
   HEADER ASSEMBLY-ECONOMY POWER VERTICAL, 200 CENTERLINE
logo
Tyco Electronics
2132230-2 MACOM-2132230-2 Datasheet
110Kb / 1P
   header assembly vertical economy power 2.5mm centerline
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
   ECONOMY SHUNT ASSEMBLY
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
1-1318301-2 MACOM-1-1318301-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
ENGCD104068N MACOM-ENGCD104068N Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
1652629 MACOM-1652629 Datasheet
78Kb / 1P
   HEADER ASSEMBLY, VERTICAL, KEYLESS
1-647676-2 MACOM-1-647676-2 Datasheet
426Kb / 4P
   Economy Power Connector System
1-1123723-7 MACOM-1-1123723-7 Datasheet
372Kb / 3P
   3.96(7.92)MM PITCH ECONOMY POWER(EP) CONN HEADER ASSY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com