Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5M0380R Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 5M0380R
Description  Fairchild Power Switch(FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

5M0380R Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 5M0380R Datasheet HTML 6Page - Fairchild Semiconductor 5M0380R Datasheet HTML 7Page - Fairchild Semiconductor 5M0380R Datasheet HTML 8Page - Fairchild Semiconductor 5M0380R Datasheet HTML 9Page - Fairchild Semiconductor 5M0380R Datasheet HTML 10Page - Fairchild Semiconductor 5M0380R Datasheet HTML 11Page - Fairchild Semiconductor 5M0380R Datasheet HTML 12Page - Fairchild Semiconductor 5M0380R Datasheet HTML 13Page - Fairchild Semiconductor 5M0380R Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
KA5X03XX-SERIES
10
Typical Performance Characteristics (Continued)
(KA5H0380R, KA5M0380R, KA5L0380R)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=1.25
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TC =PDM *Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0V
2. I
D = 250µA
T
J, Junction Temperature [
oC]
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
T
J, Junction Temperature [
oC]
@ Notes:
1. V
GS = 10V
2. I
D = 1.5 A
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
100
µs
DC
10
µs
1 ms
10 ms
@ Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS , Drain-Source Voltage
[V]
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
C, Case Temperature [
oC]
Figure 7. Breakdown Voltage vs. Temperature
Figure 8. On-Resistance vs. Temperature
Figure 9. Max. Safe Operating Area
Figure 10. Max. Drain Current vs. Case Temperature
Figure 11. Thermal Response


Similar Part No. - 5M0380R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
5M0380R FAIRCHILD-5M0380R Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
More results

Similar Description - 5M0380R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com