Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N3007FL-M0-ET2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H5N3007FL-M0-ET2
Description  300V - 15A - MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N3007FL-M0-ET2 Datasheet(HTML) 6 Page - Renesas Technology Corp

  H5N3007FL-M0-ET2 Datasheet HTML 1Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 2Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 3Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 4Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 5Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 6Page - Renesas Technology Corp H5N3007FL-M0-ET2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
H5N3007FL-M0
Preliminary
R07DS0995EJ0100 Rev.1.00
Page 6 of 6
Jan 09, 2013
Package Dimensions
Unit: mm
Previous Code
PRSS0003AF-A
TO-220FL
MASS[Typ.]
1.5g
RENESAS Code
JEITA Package Code
Package Name
TO-220FL
10.0
± 0.3
3.2
± 0.2
0.75
± 0.15
1.15
± 0.2
2.54
± 0.25
2.54
± 0.25
0.40
± 0.15
2.8
± 0.2
1.15
± 0.2
Ordering Information
Orderable Part Number
Quantity
Shipping Container
H5N3007FL-M0-E#T2
50 pcs
Tube


Similar Part No. - H5N3007FL-M0-ET2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N3007FL-M0 RENESAS-H5N3007FL-M0_15 Datasheet
101Kb / 7P
   300V - 15A - MOS FET High Speed Power Switching
More results

Similar Description - H5N3007FL-M0-ET2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N3007FL-M0 RENESAS-H5N3007FL-M0_15 Datasheet
101Kb / 7P
   300V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_12 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK4012DPE RENESAS-RJK4012DPE_15 Datasheet
87Kb / 7P
   400V - 15A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0 Datasheet
87Kb / 7P
   500V - 19A - MOS FET High Speed Power Switching
RJK5035DPP-E0 RENESAS-RJK5035DPP-E0 Datasheet
87Kb / 7P
   500V - 10A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
   600V - 10A - MOS FET High Speed Power Switching
RJK4002DPP-M0 RENESAS-RJK4002DPP-M0_12 Datasheet
99Kb / 7P
   400V - 3A - MOS FET High Speed Power Switching
RJK4036DP3-A0 RENESAS-RJK4036DP3-A0 Datasheet
71Kb / 4P
   400V - 3A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
   450V - 2.8A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0 Datasheet
99Kb / 7P
   450V - 4A - MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com