Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD48E48G Datasheet(PDF) 3 Page - Rohm

Part # BD48E48G
Description  Standard CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E48G Datasheet(HTML) 3 Page - Rohm

  BD48E48G Datasheet HTML 1Page - Rohm BD48E48G Datasheet HTML 2Page - Rohm BD48E48G Datasheet HTML 3Page - Rohm BD48E48G Datasheet HTML 4Page - Rohm BD48E48G Datasheet HTML 5Page - Rohm BD48E48G Datasheet HTML 6Page - Rohm BD48E48G Datasheet HTML 7Page - Rohm BD48E48G Datasheet HTML 8Page - Rohm BD48E48G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Datasheet
3/14
BD48Exxx-M series
BD49Exxx-M series
TSZ02201-0R7R0G300070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.003
www.rohm.com
TSZ22111
15
001
Lineup
Output Type
Open Drain
CMOS
Detection Voltage Marking
Part Number
Marking
Part Number
6.0V
Cm
BD48E60
Ff
BD49E60
5.9V
Ck
BD48E59
Fe
BD49E59
5.8V
Ch
BD48E58
Fd
BD49E58
5.7V
Cg
BD48E57
Fc
BD49E57
5.6V
Cf
BD48E56
Fb
BD49E56
5.5V
Ce
BD48E55
Fa
BD49E55
5.4V
Cd
BD48E54
Ey
BD49E54
5.3V
Cc
BD48E53
Er
BD49E53
5.2V
Cb
BD48E52
Ep
BD49E52
5.1V
Ca
BD48E51
En
BD49E51
5.0V
By
BD48E50
Em
BD49E50
4.9V
Br
BD48E49
Ek
BD49E49
4.8V
Bp
BD48E48
Eh
BD49E48
4.7V
Bn
BD48E47
Eg
BD49E47
4.6V
Bm
BD48E46
Ef
BD49E46
4.5V
Bk
BD48E45
Ee
BD49E45
4.4V
Bh
BD48E44
Ed
BD49E44
4.3V
Bg
BD48E43
Ec
BD49E43
4.2V
Bf
BD48E42
Eb
BD49E42
4.1V
Be
BD48E41
Ea
BD49E41
4.0V
Bd
BD48E40
Dy
BD49E40
3.9V
Bc
BD48E39
Dr
BD49E39
3.8V
Bb
BD48E38
Dp
BD49E38
3.7V
Ba
BD48E37
Dn
BD49E37
3.6V
Ay
BD48E36
Dm
BD49E36
3.5V
Ar
BD48E35
Dk
BD49E35
3.4V
Ap
BD48E34
Dh
BD49E34
3.3V
An
BD48E33
Dg
BD49E33
3.2V
Am
BD48E32
Df
BD49E32
3.1V
Ak
BD48E31
De
BD49E31
3.0V
Ah
BD48E30
Dd
BD49E30
2.9V
Ag
BD48E29
Dc
BD49E29
2.8V
Af
BD48E28
Db
BD49E28
2.7V
Ae
BD48E27
Da
BD49E27
2.6V
Ad
BD48E26
Cy
BD49E26
2.5V
Ac
BD48E25
Cr
BD49E25
2.4V
Ab
BD48E24
Cp
BD49E24
2.3V
Aa
BD48E23
Cn
BD49E23


Similar Part No. - BD48E48G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E48G ROHM-BD48E48G Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E48G-TL ROHM-BD48E48G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD48E48G-TL ROHM-BD48E48G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E48G-TL ROHM-BD48E48G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E48G-TL ROHM-BD48E48G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
More results

Similar Description - BD48E48G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com