Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD48E51G Datasheet(PDF) 1 Page - Rohm

Part # BD48E51G
Description  Standard CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E51G Datasheet(HTML) 1 Page - Rohm

  BD48E51G Datasheet HTML 1Page - Rohm BD48E51G Datasheet HTML 2Page - Rohm BD48E51G Datasheet HTML 3Page - Rohm BD48E51G Datasheet HTML 4Page - Rohm BD48E51G Datasheet HTML 5Page - Rohm BD48E51G Datasheet HTML 6Page - Rohm BD48E51G Datasheet HTML 7Page - Rohm BD48E51G Datasheet HTML 8Page - Rohm BD48E51G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product structure
Silicon monolithic integrated circuit
This product is not designed for protection against radioactive rays
.
1/14
Datasheet
TSZ02201-0R7R0G300070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.003
TSZ22111
14
001
www.rohm.com
Voltage Detector IC Series
Standard CMOS
Voltage Detector IC
BD48Exxx-M series
BD49Exxx-M series (for Automotive Accessories)
General Description
ROHM’s BD48Exxx-M and BD49Exxx-M series are
highly
accurate,
low
current
consumption
Voltage
Detector IC series. The line up includes BD48xxx
devices with N-channel open drain output and BD49xxx
devices with CMOS output. The devices are available for
specific detection voltages ranging from 2.3V to 6.0V in
increments of 0.1V.
Features
High accuracy detection
Ultra-low current consumption
Two output types (N-ch open drain and CMOS
output)
Wide Operating temperature range
Very small and low height package
Package SSOP5 is similar to SOT-23-5(JEDEC)
Typical Application Circuit
Key Specifications
Detection voltage:
2.3V to 6.0V (Typ.),
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.9µA (Typ.)
Operating temperature range:
-40°C to +105°C
Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
Applications
Circuits using microcontrollers or logic circuits that
require a reset.
(Open Drain Output type
BD48Exxx-M series
VDD1
BD48Exxx-M
VDD2
GND
Micro
Controller
RST
CL
(
Capacitor for
noise filtering
RL
(CMOS Output type
BD49Exxx-M series
CL
(
Capacitor for
noise filtering
VDD1
BD49Exxx-M
Micro
Controller
RST
GND


Similar Part No. - BD48E51G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E51G ROHM-BD48E51G Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E51G-TL ROHM-BD48E51G-TL Datasheet
509Kb / 19P
   Standard CMOS Voltage Detector IC
BD48E51G-TL ROHM-BD48E51G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E51G-TL ROHM-BD48E51G-TL Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E51G-TL ROHM-BD48E51G-TL Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
More results

Similar Description - BD48E51G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com