Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4720G Datasheet(PDF) 8 Page - Rohm

Part # BD4720G
Description  Bipolar Voltage Detector ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4720G Datasheet(HTML) 8 Page - Rohm

Back Button BD4720G Datasheet HTML 4Page - Rohm BD4720G Datasheet HTML 5Page - Rohm BD4720G Datasheet HTML 6Page - Rohm BD4720G Datasheet HTML 7Page - Rohm BD4720G Datasheet HTML 8Page - Rohm BD4720G Datasheet HTML 9Page - Rohm BD4720G Datasheet HTML 10Page - Rohm BD4720G Datasheet HTML 11Page - Rohm BD4720G Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Datasheet
8/10
BD47xx series
TSZ02201-0R7R0G300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Application Information
Explanation of Operation
BD47xx series has threshold voltages namely the detection voltage and release voltage. As the voltages applied to the
input reach their respective thresholds, the output switches from “High” to “Low” and from “Low” to “High”. The release
voltage has a hysteresis that is the value of the detection voltage +50mV (Typ.), preventing chattering in the output. When
the input is greater than the release voltage, the output is in a “High” state. When the input decreases from that state, the
output switches to “Low” upon reaching the detection voltage. When the input is less than the detection voltage, the output
is in a “Low” state. When the input increases from that state, the output switches to “High” upon reaching the release
voltage. Additionally, at least 0.85V input voltage is required for the circuit to function as expected. When the input falls
below the operating limit voltage, the output becomes unstable.
1
When the power supply is turned on, the output is still unstable until it reaches the operating limit voltage (VOPL) with a
given time tPHL. Therefore it is possible that the reset signal is not outputted when the rise time of VDD is faster than tPHL.
2
When VDD is greater than VOPL but less than the reset release voltage (VDET+∆VDET), the output voltages will switch to
Low.
3
If VDD exceeds the reset release voltage (VDET+∆VDET) then VOUT switches from L to H.
4
If VDD drops below the detection voltage (VDET) when the power supply is powered down or when there is a power
supply fluctuation, VOUT switches to L (with a delay of tPHL).
5
The potential difference between the detection voltage and the release voltage is known as the Hysteresis Width
(∆VDET). The system is designed such that, the output does not toggle with power supply fluctuations within this hysteresis
width, malfunctions due to noise are prevented.
<Precautions>
Please be aware that when there is resistance on the power supply line, the detection voltage varies with voltage drops
caused by the IC current consumption.
Please connect a capacitor between VDD and GND when the power supply line has high impedance.
Fig.11 Timing Waveform
VDD
VDET+
Δ
VDET
VDET
VOPL
0V
tPHL
VOUT
tPLH
tPHL
tPLH
VOL
VOH
VDD


Similar Part No. - BD4720G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4720G ROHM-BD4720G Datasheet
175Kb / 6P
   System Reset IC
BD4720G ROHM-BD4720G Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4720G-TR ROHM-BD4720G-TR Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4720G-TR ROHM-BD4720G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4720G-TR ROHM-BD4720G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4720G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com