Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

292172 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 292172
Description  AMP CT Connector Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

292172 Datasheet(HTML) 6 Page - Tyco Electronics

  292172 Datasheet HTML 1Page - Tyco Electronics 292172 Datasheet HTML 2Page - Tyco Electronics 292172 Datasheet HTML 3Page - Tyco Electronics 292172 Datasheet HTML 4Page - Tyco Electronics 292172 Datasheet HTML 5Page - Tyco Electronics 292172 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FOR MORE INFORMATION
TE Technical Support Center
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
te.com
© 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company. All Rights Reserved.
1-1773455-8 CIS LUG PDF 1/2012
AMP, AMP 3K/40, AMP 3K/50, AMP-O-LECTRIC, DECAM, TE Connectivity and the TE connectivity (logo) are
trademarks. Other logos, product and company names mentioned herein may be trademarks of their respective
owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this brochure are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
Frequently Asked Questions
What wire guage will you be using?
More flexibility with AWG when using Crimp vs. MT. Crimp housings
accept 22-30 AWG and MT housings accept 24-28 AWG.
Are the connectors available for IDC?
Yes, we offer a MT version that is preloaded with IDC contacts.
Is your process automated?
MT housings are more suitable for automated processes.
Where can I find information on current rating, voltage and
operating temperatures?
Please see Product Specification Information on page 5 of this
Quick Reference Guide.
Which is a more standard header, with or without a locating boss?
The most standard headers tend to have a locating boss as it makes it
easier for the customer to align the connector onto their board.
What special retention mechanisms are available to help ensure
PCB stability?
Most of the T/H headers have kinked legs, and the SMT headers have
solder tabs to help ensure PCB stability.
What are my tooling options?
TE offers comprehensive tooling options including Manual Pistol-Grips,
manual Mini-Press, Pneumatic Mini-press, Semi-Auto DECAM and
an Automatic DECAM tool. For more information, please visit
tooling.te.com
What is the benefit of choosing Box over Std type headers?
Box type headers have an extra wall, that is a more reliable connector
design intended to prevent stubbing.


Similar Part No. - 292172

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2921 KR-2921 Datasheet
51Kb / 3P
   118 MHz Cuttoff Frequency
logo
Amphenol Corporation
2921-00037 AMPHENOL-2921-00037 Datasheet
106Kb / 1P
   SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
logo
Amphenol SV Microwave
2921-00037 SVMICROWAVE-2921-00037 Datasheet
528Kb / 1P
   SMA FEMALE FIXTURELESS SNAP-IN EDGE LAUNCH FOR .062" PCB
01/20
2921-00057 SVMICROWAVE-2921-00057 Datasheet
99Kb / 1P
   STR. F. SMA BLKHD PCB EDGE LAUNCH CONNECTOR
REV.A 04/22
2921-00058 SVMICROWAVE-2921-00058 Datasheet
94Kb / 1P
   STR. F. SMA BLKHD PCB EDGE LAUNCH CONNECTOR .062" PCB
REV.A 04/22
More results

Similar Description - 292172

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
   1.5 mm AMP Mini CT Connector Series
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
   AMP Mini CT Connector 1.5mm Pitch
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
   AMP MiNi CT Connector 1.5mm PITCH
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
   CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
   AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
   RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
   CT-2 CONNECTOR TERMINAL
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
   CT PROTECTOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G_V01 Datasheet
507Kb / 4P
   CT-G Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
   CT-N Series Test board
1.0.0 2022. 5. 9.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com