Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6-5353606-6 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 6-5353606-6
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-5353606-6 Datasheet(HTML) 8 Page - Tyco Electronics

  6-5353606-6 Datasheet HTML 1Page - Tyco Electronics 6-5353606-6 Datasheet HTML 2Page - Tyco Electronics 6-5353606-6 Datasheet HTML 3Page - Tyco Electronics 6-5353606-6 Datasheet HTML 4Page - Tyco Electronics 6-5353606-6 Datasheet HTML 5Page - Tyco Electronics 6-5353606-6 Datasheet HTML 6Page - Tyco Electronics 6-5353606-6 Datasheet HTML 7Page - Tyco Electronics 6-5353606-6 Datasheet HTML 8Page - Tyco Electronics 6-5353606-6 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
0.5mm Free Height (FH) Connectors (Continued)
Plug Assembly with Bridge
Material and Finish
Housing — UL94V-0, heat resistant
resin, natural color
Contact — Copper alloy, 0.2µm min.
gold plated on contact area, 0.1µm
tin-lead plated or tin plated on soldering
area, 1.3µm min. nickel underplated
on entire contact, 0.1µm thick tin plated
on grounding contact.
D
A
B
C
Section Y-Y
(Grounding Position)
Section X-X
(Signal Position)
6.00
[.236]
0.71 ± 0.10
[.028 ± .004]
0.71 ± 0.10
[.028 ± .004]
6.00
[.236]
0.71 ± 0.10
[.028 ± .004]
0.71 ± 0.10
[.028 ± .004]
0.50
[.020]
Pitch
0.60
[.024]
6.20
[.244]
2.90
[.114]
16.00 [.630]
7.80
[.307]
12.00 ± 0.10
[.472 ± .004]
18.40
[.724]
0.20 [.008]
25
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
.5 mm FH Plug Assemblies with Bridge
Positions
Height
Dimensions
Giga Ground
SIF-200
With
Packaging
Part
AB
C
D
Shield
Pickup Cap
Type
Number
240
5
29.50
36.80
4.45
36.90
Yes—
YesTape
9-6123672-9
1.161
1.449
.175
1.453
240
5
29.50
36.80
4.45
36.90
Yes—
YesTape
5-6123672-9
1.161
1.449
.175
1.453
320
8
39.50
46.80
7.45
46.90
Yes—
Yes
Hard Tray
6-5353652-2
1.555
1.843
.293
1.846
440
5
54.50
61.80
4.45
61.90
Yes—
Yes
Hard Tray
3-1827233-6
2.146
2.433
.175
2.437
440
8
54.50
61.80
7.45
61.90
Yes—
Yes
Hard Tray
3-5353652-6
2.146
2.433
.293
2.437
Note: Part Numbers are RoHS compliant.


Similar Part No. - 6-5353606-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-535512-0 MACOM-6-535512-0 Datasheet
212Kb / 1P
   AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
6-535512-1 MACOM-6-535512-1 Datasheet
212Kb / 1P
   AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
6-535512-2 MACOM-6-535512-2 Datasheet
212Kb / 1P
   AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
6-535512-3 MACOM-6-535512-3 Datasheet
212Kb / 1P
   AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
6-535512-4 MACOM-6-535512-4 Datasheet
212Kb / 1P
   AMPMOUD MOD 2 RECEPTACLE ASSEMBLY
More results

Similar Description - 6-5353606-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120532-1 MACOM-5120532-1 Datasheet
260Kb / 7P
   Stacking Height Guide for Parallel Board-to-Board Applications
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com