Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD49E32 Datasheet(PDF) 2 Page - Rohm

Part # BD49E32
Description  Standard CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD49E32 Datasheet(HTML) 2 Page - Rohm

  BD49E32 Datasheet HTML 1Page - Rohm BD49E32 Datasheet HTML 2Page - Rohm BD49E32 Datasheet HTML 3Page - Rohm BD49E32 Datasheet HTML 4Page - Rohm BD49E32 Datasheet HTML 5Page - Rohm BD49E32 Datasheet HTML 6Page - Rohm BD49E32 Datasheet HTML 7Page - Rohm BD49E32 Datasheet HTML 8Page - Rohm BD49E32 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Datasheet
2/14
BD48Exxx-M series
BD49Exxx-M series
TSZ02201-0R7R0G300070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.003
www.rohm.com
TSZ22111
15
001
Part
Output
Type
Reset
Voltage
Value
Package
Automotive
Accessories
Packaging
and
Number
48
:
Open
Drain
23
:
2.3V
G
:
SSOP5
forming
specification
49
:
CMOS
0.1V
step
TR
:
Embossed
tape
60
:
6.0V
and
reel
R
E
x
x
x
M
B
D
x
x
-
T
Connection Diagram
SSOP5
Pin Descriptions
SSOP5
PIN No.
Symbol
Function
1
VOUT
Reset Output
2
VDD
Power Supply Voltage
3
GND
GND
4
N.C.
Unconnected Terminal
5
N.C.
Unconnected Terminal
Ordering Information
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
1
2
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
(
)
1pin
Lot. No
TOP VIEW
VOUT
VDD
GND
N.C.
N.C.
Marking


Similar Part No. - BD49E32

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49E32 ROHM-BD49E32 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD49E32 ROHM-BD49E32 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD49E32 ROHM-BD49E32 Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD49E32 ROHM-BD49E32 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD49E32G ROHM-BD49E32G Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD49E32

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com