Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91522-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 91522-1
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

91522-1 Datasheet(HTML) 2 Page - Tyco Electronics

  91522-1 Datasheet HTML 1Page - Tyco Electronics 91522-1 Datasheet HTML 2Page - Tyco Electronics 91522-1 Datasheet HTML 3Page - Tyco Electronics 91522-1 Datasheet HTML 4Page - Tyco Electronics 91522-1 Datasheet HTML 5Page - Tyco Electronics 91522-1 Datasheet HTML 6Page - Tyco Electronics 91522-1 Datasheet HTML 7Page - Tyco Electronics 91522-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011
Fast Facts
• Designed to exacting
specifications
• Ratchet control provides
complete crimping cycle
• For most military, UL and
CSA applications
• Manufactured using the
highest quality materials
• Requires minimum skill
• Repairable
• Calibrated; recalibration
recommended every 6
months or 5,000 cycles
• Many SAHT and DAHT
crimping heads, and many
die sets, can be adapted for
use with the 626 Pneumatic
Tool System (Request Catalog
124208)
• Produced under a Quality
management System certi-
fied to ISO 9001. (A copy of
the certifiate is available upon
request.)
CERTI-CRIMP Hand Tools are
top-of-the-line, premium, hand-
operated tools for crimping a
broad array of terminals, contacts
and special wiring devices available
from TE Connectivity. They are
designed to exacting specifications to
produce consistent, high-quality termi-
nations. A potential service life of over
50,000 cycles is possible, depending on
operator care.
There are currently seven basic styles of
CERTI-CRIMP Hand Tools. The choice
depends on the product being applied and/or
your preferred method of application. For
example, open barrel contacts typically require
straight-action die movement to minimize possi-
ble rotation during crimping. Or, if your application
requires crimping different sizes of terminals, you
may prefer using a single tool with a combination of
crimping nests, rather than two or three separate
tools.
Other options include insulation crimp adjustment for different insulation
thicknesses, a locator for properly positioning and supporting the terminal or
contact in the tool, a wire stop, and color coding and/or wire size information
on the head of the tool or on the handles.
All CERTI-CRIMP Hand Tools feature the reliable ratchet control. The ratchet
will not release until the handles are fully closed and the dies bottomed. This
helps eliminate partial crimps.
CERTI-CRIMP Hand Tools are well suited for low production runs, prototype
work, and repairs—almost any application requiring consistent, highly-reliable
terminations. CERTI-CRIMP Hand Tools are designed to meet all feature
requirements listed on applicable TE Application Specifications. (Check
appropriate product catalogs for qualification to military specifications, UL
recognition and CSA certification.)


Similar Part No. - 91522-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9152 ETC2-9152 Datasheet
1Mb / 2P
   Excellent display resolution
logo
Tyco Electronics
91528-14 MACOM-91528-14 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 91522-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8547 TEC-408-8547 Datasheet
137Kb / 4P
   CERTI-CRIMP II Straight Action Hand Tools
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
TE Connectivity Ltd
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
Molex Electronics Ltd.
0638161920 MOLEX-0638161920 Datasheet
36Kb / 1P
   Power Crimp Adapter for Type 4D Hand Crimp Tools
08/26/2022
0638161950 MOLEX-0638161950 Datasheet
33Kb / 1P
   Power Crimp Adapter for Type 4A Hand Crimp Tools
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com