Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH18M0AWHFV-TR Datasheet(PDF) 4 Page - Rohm

Part # BH18M0AWHFV-TR
Description  1ch 300mA CMOS LDO Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH18M0AWHFV-TR Datasheet(HTML) 4 Page - Rohm

  BH18M0AWHFV-TR Datasheet HTML 1Page - Rohm BH18M0AWHFV-TR Datasheet HTML 2Page - Rohm BH18M0AWHFV-TR Datasheet HTML 3Page - Rohm BH18M0AWHFV-TR Datasheet HTML 4Page - Rohm BH18M0AWHFV-TR Datasheet HTML 5Page - Rohm BH18M0AWHFV-TR Datasheet HTML 6Page - Rohm BH18M0AWHFV-TR Datasheet HTML 7Page - Rohm BH18M0AWHFV-TR Datasheet HTML 8Page - Rohm BH18M0AWHFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Datasheet
Datasheet
4/10
TSZ02201-0RBR0A300070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21.Nov.2013 Rev.001
www.rohm.com
TSZ22111・15・001
BHxxM0A series
●Electrical characteristics
(Unless otherwise noted, Ta=25℃,VIN=VOUT+1.0V
(*3),STBY=1.5V, Cin=1μF, Co=1μF, Cn=0.01μF.)
PARAMETER
Symbol
Limit
UNIT
Conditions
MIN.
TYP.
MAX.
【REG】
Output Voltage
VOUT
VOUT
×0.99
VOUT
VOUT
×1.01
V
IOUT=1mA, VOUT≧2.5V
VOUT
-25mV
VOUT
VOUT
+25mV
IOUT=1mA, VOUT<2.5V
Circuit Current
IGND
-
65
95
μA
IOUT=1mA
Circuit Current (STBY)
ISTBY
-
-
1.0
μA
STBY=0V
Ripple Rejection Ratio
R.R.
-
60
-
dB
VRR=-20dBv,fRR=1kHz,IOUT=10mA
Dropout Voltage
VSAT1
-
60
90
mV
VIN=0.98×VOUT,IOUT=100mA
VOUT≧2.5V
Line Regulation
VDL1
-
2
20
mV
IOUT=1mA
VIN=VOUT+0.5V to 5.5V
(*4)
Load Regulation 1
VDLO1
-
6
30
mV
IOUT=1mA to 100mA
Load Regulation 2
VDLO2
-
18
90
mV
IOUT=1mA to 300mA
Output Voltage
Temperature
⊿VOUT/⊿Ta
-
±100
-
ppm/℃
IOUT=1mA,Ta=-40 to +85℃
【OCP】
Limit Current
ILMAX
-
600
-
mA
Vo=VOUT×0.85
Short Current
ISHORT
-
100
-
mA
Vo=0V
【STBY】
STBY Pull-down Resistor
RSTB
550
1100
2200
k
STBY Control
Voltage
ON
VSTBH
1.5
-
VCC
V
OFF
VSTBL
-0.3
-
0.3
V
(*3) VIN=3.5V for VOUT<2.5V.
(*4) VIN=3.0V to 5.5V for VOUT<2.5V.


Similar Part No. - BH18M0AWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH18M0AWHFV-TR ROHM-BH18M0AWHFV-TR Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
More results

Similar Description - BH18M0AWHFV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
   1ch 200mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com