Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4744G Datasheet(PDF) 5 Page - Rohm

Part # BD4744G
Description  Bipolar Voltage Detector ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4744G Datasheet(HTML) 5 Page - Rohm

  BD4744G Datasheet HTML 1Page - Rohm BD4744G Datasheet HTML 2Page - Rohm BD4744G Datasheet HTML 3Page - Rohm BD4744G Datasheet HTML 4Page - Rohm BD4744G Datasheet HTML 5Page - Rohm BD4744G Datasheet HTML 6Page - Rohm BD4744G Datasheet HTML 7Page - Rohm BD4744G Datasheet HTML 8Page - Rohm BD4744G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Datasheet
5/10
BD47xx series
TSZ02201-0R7R0G300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Typical Performance Curves
Fig.2 Circuit Current
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
VDD SUPPLY VOLTAGE
VDD[V]
BD4729G
Icc1=1.34µA
Icc2=1.46µA
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
OUTPUT VOLTAGE
VOUT[mV]
【BD4729G】
IOL=12.194mA at Vo=400mV
Fig.3 “Low” Output Current
Fig.4 I/O Characteristics
0
1
2
3
4
5
6
0
1
2
3
4
5
6
VDD SUPPLY VOLTAGE
VDD[V]
【BD 4729G】
VDET=2.95V
VDET=50mV
VDET=2.90V
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1
1.5
2
2.5
VDD SUPPLY VOLTAGE
VDD[V]
BD4729G
VOPL=0.675V
Fig.5 Operating Limit Voltage
BD4729
BD4729
BD4729
BD4729


Similar Part No. - BD4744G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4744G ROHM-BD4744G Datasheet
175Kb / 6P
   System Reset IC
BD4744G ROHM-BD4744G Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4744G-TR ROHM-BD4744G-TR Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4744G-TR ROHM-BD4744G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4744G-TR ROHM-BD4744G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4744G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com