Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4721 Datasheet(PDF) 3 Page - Rohm

Part # BD4721
Description  Bipolar Voltage Detector ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4721 Datasheet(HTML) 3 Page - Rohm

  BD4721 Datasheet HTML 1Page - Rohm BD4721 Datasheet HTML 2Page - Rohm BD4721 Datasheet HTML 3Page - Rohm BD4721 Datasheet HTML 4Page - Rohm BD4721 Datasheet HTML 5Page - Rohm BD4721 Datasheet HTML 6Page - Rohm BD4721 Datasheet HTML 7Page - Rohm BD4721 Datasheet HTML 8Page - Rohm BD4721 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Datasheet
3/10
BD47xx series
TSZ02201-0R7R0G300020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Absolute maximum ratings
Parameter
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.3 to +10
V
Output Voltage
VOUT
-0.3 to +10
V
Output Current
Io
60
mA
Power Dissipation
*1 *2
Pd
540
mW
Operation Temperature Range
Topt
-40 to +75
°C
Ambient Storage Temperature
Tstg
-55 to +125
°C
*1
Reduced by 5.4mW/°C when used over 25°C.
*2
When mounted on ROHM standard circuit board (70mm×70mm×1.6mm, glass epoxy board).
Electrical characteristics (Unless Otherwise Specified Ta=25°C)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Detection Voltage
VDET
VDD=H
L
RL=4.7kΩ
VDET (T)
×0.99
VDET(T)
VDET(T)
×1.01
V
VDET=2.5V
Ta=+25°C
2.475
2.5
2.525
Ta=-40°C to 85°C
2.418
-
2.584
Ta=85°C to 105°C
2.404
-
2.597
VDET=3.0V
Ta=+25°C
2.970
3.0
3.030
Ta=-40°C to 85°C
2.901
-
3.100
Ta=85°C to 105°C
2.885
-
3.117
VDET=3.3V
Ta=+25°C
3.267
3.3
3.333
Ta=-40°C to 85°C
3.191
-
3.410
Ta=85°C to 105°C
3.173
-
3.428
VDET=4.2V
Ta=+25°C
4.158
4.2
4.242
Ta=-40°C to 85°C
4.061
-
4.341
Ta=85°C to 105°C
4.039
-
4.364
Temperature Coefficient
Of Detection Voltage
VDET/∆T RL=4.7kΩTa=-20 to+75°C Designed Guarantee
-
±0.01
-
%/°C
Detection Hysteresis Voltage
∆VDET
RL=4.7kΩ, VDD=L
H
L
30
50
100
mV
Transfer Delay Time
H
tPLH
CL=100pF
RL=4.7kΩ
*1
-
20
50
µs
Transfer Delay Time
L
tPHL
CL=100pF
RL=4.7kΩ
*2
-
60
120
µs
Reset Output Voltage
L
VOL
VDD=VDET(min.)-0.05V, RL=4.7kΩ
-
0.1
0.4
V
Circuit Current ON
Icc1
VDD=VDET(min.)-0.05V, RL=
-
1.5
3.0
µA
Circuit Current OFF
Icc2
VDD=VDET(typ.)/0.85V, RL=
-
1.6
3.2
µA
Operating Voltage Range
VOPL
RL=4.7kΩ
VOL≤0.4V
-
0.65
0.85
V
Output Leak Current
Ileak
VDD=VOUT=10V
-
-
0.1
µA
Reset Output Current
L
IOL
Vo=0.4V, VDD=VDET(min.)-0.05V
3.0
15.0
-
mA
VDET(T)
:Standard Detection Voltage(1.9V to 4.6V, 0.1V step
R
:Pull-up resistor to be connected between VOUT and power supply.
CL:Capacitor to be connected between VOUT and GND.
*1 tPLH:VDD=(VDET(typ.)-0.4V) (VDET(typ.)+0.4V)
*2 tPHL:VDD=(VDET(typ.)+0.4V) (VDET(typ.)-0.4V)
Design Guarantee. (Outgoing inspection is not done on all products)


Similar Part No. - BD4721

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4721 ROHM-BD4721 Datasheet
175Kb / 6P
   System Reset IC
BD4721 ROHM-BD4721 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
BD4721 ROHM-BD4721 Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD4721 ROHM-BD4721 Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
BD4721 ROHM-BD4721 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
More results

Similar Description - BD4721

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4727G-TR ROHM-BD4727G-TR Datasheet
322Kb / 13P
   Bipolar Voltage Detector ICs
BD4719 ROHM-BD4719 Datasheet
1Mb / 14P
   Bipolar Voltage Detector ICs
BD4730G-TR ROHM-BD4730G-TR Datasheet
317Kb / 13P
   Bipolar Voltage Detector ICs
BD47XXG_101 ROHM-BD47XXG_101 Datasheet
222Kb / 8P
   Bipolar Voltage Detector ICs
BD4746G-TR ROHM-BD4746G-TR Datasheet
431Kb / 13P
   Bipolar Voltage Detector ICs
logo
Isahaya Electronics Cor...
RT8H012C ISAHAYA-RT8H012C Datasheet
70Kb / 5P
   Bipolar voltage detector
logo
Rohm
BU48XXG ROHM-BU48XXG_11 Datasheet
290Kb / 9P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BD47XXG ROHM-BD47XXG_10 Datasheet
291Kb / 8P
   Bipolar Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com