Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

45575-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 45575-1
Description  Premium CERTI-CRIMP II Hand Tools
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

45575-1 Datasheet(HTML) 3 Page - Tyco Electronics

  45575-1 Datasheet HTML 1Page - Tyco Electronics 45575-1 Datasheet HTML 2Page - Tyco Electronics 45575-1 Datasheet HTML 3Page - Tyco Electronics 45575-1 Datasheet HTML 4Page - Tyco Electronics 45575-1 Datasheet HTML 5Page - Tyco Electronics 45575-1 Datasheet HTML 6Page - Tyco Electronics 45575-1 Datasheet HTML 7Page - Tyco Electronics 45575-1 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Connector/Terminal to Tool Reference
1
Use with “C” Head Straight Action Hand Tool, Part Number 69710-1.
Connector/
Max.
Hand Tool Part Numbers
Die Set for
Insertion/
Terminal
Style
Wire Range
Insul. Dia.
DAHT
SAHT
Tool
Extraction
AWG
mm2
in
mm
HHHT
Frame
Tool
AMPLIMITE
Size 20 DF Contacts
28-24
0.08-0.2
.040
1.02
——
91503-1
D-Sub. Connectors
24-20
0.2-0.5
.060
1.52
91285-1
Size 22 DF Contacts
28-22
0.08-0.3
.040
1.02
91520-1
Mod. IV Contacts
26-22
0.12-0.3
.061
1.55
91517-1
843996-3
24-20
0.2-0.5
.069
1.75
91516-1
(Ext./Reset)
AMPMODU
Locking Clip Contacts
26-22
0.12-0.3
.062
1.58
91533-1
91084-1
Connectors
MTE & Tandem Spring
32-28
0.03-0.08
.054
1.37
58342-2
Contacts
26-22
0.12-0.3
.065
1.65
91531-1
Short Point Contacts
32-22
0.03-0.3
.060
1.52
91518-1
843473-1
24-20
0.2-0.5
.060
1.52
91551-1
(Ext.)
28-24
0.08-0.2
.085
2.16
91539-1
90230-1
1
24-20
0.2-0.5
.060
1.52
Type II Contacts
18-14
0.8-2
91539-1
90231-21
26-24
0.12-0.2
.090
2.29
24-20
0.2-0.5
.120
3.05
91515-1
Type III+ Contacts
24-20
0.2-0.5
.100
2.54
91523-1
CPC Connectors,
18-16
0.8-1.25
.100
2.54
200893-2/
M Series Connectors
24-20
0.2-0.5
.070
1.78
305183
18-16
0.8-1.25
.100
2.54
91505-1
18-14
0.8-2
.100
2.54
91519-1
16
1.25
.160
4.06
90382-2
90145-21
Type XII Contacts
14-12
2-3
.160
4.06
90382-2
90145-11
10-8
5-7
.220
5.59
90384-1
90140-11
91019-3 (Ext.)
Subminiature
174 RG/U
696901
COAXICON Contacts
187 RG/U
69690-11
FASTON
22-18
0.3-0.8
.130
3.30
90166-1
465629- *
Straight Receptacles
250 Series
18-14
0.8-2
.170
4.32
90165-1
(Installation
(Premier Line Only)
14-10
2-5
.200
5.08
90120
Tip Required)
30-22
0.05-0.3
.075
1.91
91515-1
Commercial Contacts
24-18
0.2-0.8
.100
2.54
91512-1
455830-1/
20-14
0.5-2
.130
3.30
91504-1
465644-1
24-18
0.2-0.8
.100
2.54
91510-1
20-14
0.5-2
.130
3.30
91500-1
455830-1/
MATE-N-LOK
Universal &
20-18
0.5-0.8
.200
5.08
91508-1
318851-1
Connectors
Universal II Contacts
16-14
1.25-2
.200
5.08
91506-1
12
3
.200
5.08
58380-11
10
5
.200
5.08
58380-21
Mini-Universal
20-16
0.5-1.25
.126
3.20
91536-1
Mini-Universal II
26-22
0.12-0.3
.069
1.75
91529-1
455830-1/
Contacts
22-18
0.3-0.8
.094
2.39
91522-1
455822-2
20-16
0.5-1.25
.126
3.20
91594-1
MR Connectors
Contacts
26-18
0.12-0.8
.115
2.92
91526-1
D-3(L)
20-18
0.50-0.85
.110
2.80
91558-1
16
1.25
.110
2.80
D-3(M)
24
.20
.063
1.60
91559-1
Dynamic
22-20
.30-.50
.102
2.60
D-3(2L)
16
1.23-1.42
.110
2.80
91560-1
14
1.94-2.20
.110
2.80
D-2(S)
28-26
.09-.14
.051
1.30
91576-1
24
.22-.23
.056
1.43
EI
EI
30-28
.05-.08
.047
1.20
91562-1
26
.13
.055
1.4
.040
.040
22
.30
.071
1.80
91577-1
20
.50
.079
2.00
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011


Similar Part No. - 45575-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4557 ETC2-4557 Datasheet
246Kb / 2P
   Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
logo
Molex Electronics Ltd.
45570 MOLEX-45570 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
45570-3000 MOLEX-45570-3000 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
45570-3002 MOLEX-45570-3002 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
45570-3004 MOLEX-45570-3004 Datasheet
843Kb / 2P
   3.96mm (.156?? Pitch MarKK??Crimp Terminal
More results

Similar Description - 45575-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-8547 TEC-408-8547 Datasheet
137Kb / 4P
   CERTI-CRIMP II Straight Action Hand Tools
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-7235 TEC-408-7235 Datasheet
69Kb / 4P
   CERTI-CRIMP Hand Crimping Tools
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
logo
Tyco Electronics
408-10021 MACOM-408-10021 Datasheet
530Kb / 5P
   The CERTI--CRIMP II Tool Holder Assembly
logo
TE Connectivity Ltd
408-2029 TEC-408-2029 Datasheet
322Kb / 10P
   ROTA-CRIMP Hand Crimping Tools
logo
Tyco Electronics
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
logo
Molex Electronics Ltd.
0638161920 MOLEX-0638161920 Datasheet
36Kb / 1P
   Power Crimp Adapter for Type 4D Hand Crimp Tools
08/26/2022
0638161950 MOLEX-0638161950 Datasheet
33Kb / 1P
   Power Crimp Adapter for Type 4A Hand Crimp Tools
08/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com