Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

48518-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 48518-2
Description  Hand Crimping Tools
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

48518-2 Datasheet(HTML) 5 Page - Tyco Electronics

  48518-2 Datasheet HTML 1Page - Tyco Electronics 48518-2 Datasheet HTML 2Page - Tyco Electronics 48518-2 Datasheet HTML 3Page - Tyco Electronics 48518-2 Datasheet HTML 4Page - Tyco Electronics 48518-2 Datasheet HTML 5Page - Tyco Electronics 48518-2 Datasheet HTML 6Page - Tyco Electronics 48518-2 Datasheet HTML 7Page - Tyco Electronics 48518-2 Datasheet HTML 8Page - Tyco Electronics 48518-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
408-1559
Hand Crimping Tools
5 of 10
Rev P
Tyco Electronics Corporation
Figure 5
Butt Splices
C" B" PIDG Splice
B" Equals Wire Barrel
C" Equals Insulation Barrel
C"
B"
PLASTI-GRIP Splice
Window Indent
Wire Stop
Wire Stop
Window
Indent
Locator Seats in
Window Indent
of Splice
First
Crimp
End of Wire Conductor Butts
Against Splice Wire Stop
Insulation CrimpAdjustment
Pins in No. 3 Position
Second
Crimp
Locator Seats in Window
Indent of Splice
End of Wire Conductor Butts
Against Splice Wire Stop
4. CRIMP INSPECTION
Inspect crimped terminals and splices by checking the
features described in Figure 7. Terminals and splices
not meeting these conditions should NOT be used.
5. INSULATION CRIMP ADJUSTMENTS
5.1. For PIDG Terminals and Splices
PIDG terminalsand splicesfeature a wire
insulation grip."
The insulation crimping section of the hand tool has
three positions: 1 (tight), 2 (medium), and 3 (loose).
To adjust the section:
Figure 6
Spare Wire Caps
Wire Barrel
Locator
Insulation
Adjustment
Pins in No. 3
Position
Wire Bottoms
in Cap
Raise Locator so
that End of Cap
Rests Against
Recessed Surface
of Locator
1. Insert the insulation crimp adjustment pins into
the No. 3 position. Refer to Figure 1 or Figure 5.
2. Place the terminal or splice into the crimping
jaws as shown in Figure 4 or Figure 5.
3. Insert the UNSTRIPPED wire into ONLY the
insulation barrel (refer to Figure 4 or Figure 5)
portion of the terminal or splice.
4. Close the tool handles to complete the crimp.
5. Remove the crimped terminal or splice and
check the insulation crimp by bending the wire
back and forth once. The terminal or splice should
retain its grip on the wire insulation. If the wire pulls
out, set the insulation crimp adjustment pins to the
next higher position (No. 2).
6. Perform another crimp and repeat the
adjustment as necessary until the correct insulation
grip is attained. Do not use a tighter setting than
required.
Make sure that both insulation crimp adjustment
pins are in the same position.
5.2. For PLASTI-GRIP Terminals and Splices
PLASTI-GRIP terminalsand splicesfeature a
wire insulation support" only. The terminal or
splice insulation should ideally be in contact with
the wire insulation.
1. Set adjustment pins in position No. 3 for wire
having a large insulation diameter.
2. Set adjustment pins in position No. 2 for wire
having a medium insulation diameter.
3. Set adjustment pins in position No. 1 for wire
having a small insulation diameter.
Make sure that both insulation crimp adjustment
pins are in the same position.
NOTE
i
CAUTION
!
NOTE
i
CAUTION
!


Similar Part No. - 48518-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
48518-2 TEC-48518-2 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com