Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC8102 Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # MOC8102
Description  NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

MOC8102 Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  MOC8102 Datasheet HTML 1Page - ISOCOM COMPONENTS MOC8102 Datasheet HTML 2Page - ISOCOM COMPONENTS MOC8102 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOMCOMPONENTS2004LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1UD
Tel:(01429)863609 Fax:(01429)863581
16/9/08
DB92193
OPTION G
7.62
0.26
0.5
1
34
6
Dimensions in mm
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
2.54
0.26
7.62
6.62
25
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUTDIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
105mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
30V
Emitter-collector Voltage BV
ECO
6V
Collector Current
50mA
Power Dissipation
160mW
POWERDISSIPATION
Total Power Dissipation
200mW
(derate linearly 2.67mW/°C above 25°C)
NON-BASE LEAD
OPTICALLY COUPLED ISOLATOR
PHOTOTRANSISTOR OUTPUT
0.5
APPROVALS
UL recognised, File No. E91231
Package Code " GG "
'X'SPECIFICATIONAPPROVALS
VDE 0884 in 3 available lead form : -
- STD
G form
- SMD approved to CECC 00802
Certified to EN60950 by :-
Nemko - Certificate No. P01102464
DESCRIPTION
TheMOC8101,MOC8102,MOC8103,MOC8104,
MOC8105 series of optically coupled isolators
consist of infrared light emitting diode and NPN
silicon photo transistor in a standard 6 pin dual
in line plastic package with the base pin
unconnected.
FEATURES
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
HighIsolationVoltage (5.3kV
RMS,7.5kVPK)
Base pin unconnected for improved
noise
immunity in high EMI
environment
APPLICATIONS
DC motor controllers
Industrial systems controllers
Signal transmission between systems of
different potentials and impedances
MOC8101X,MOC8102X,MOC8103X,
MOC8104X,MOC8105X MOC8101,
MOC8102, MOC8103,MOC8104,MOC8105
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - MOC8102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8102 MOTOROLA-MOC8102 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8102 FAIRCHILD-MOC8102 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8102 FAIRCHILD-MOC8102 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
MOC8102 FAIRCHILD-MOC8102 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
logo
ISOCOM COMPONENTS
MOC8102 ISOCOM-MOC8102 Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MOC8102

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX62A ETC-CNX62A Datasheet
45Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
CNY17F-1X ISOCOM-CNY17F-1X Datasheet
68Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX82A ISOCOM-CNX82A Datasheet
216Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
   HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8020 ISOCOM-MOC8020 Datasheet
395Kb / 4P
   NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com