Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT193N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT193N
Description  Presettable synchronous 4-bit binary up/down counter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT193N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT193N Datasheet HTML 5Page - NXP Semiconductors 74HCT193N Datasheet HTML 6Page - NXP Semiconductors 74HCT193N Datasheet HTML 7Page - NXP Semiconductors 74HCT193N Datasheet HTML 8Page - NXP Semiconductors 74HCT193N Datasheet HTML 9Page - NXP Semiconductors 74HCT193N Datasheet HTML 10Page - NXP Semiconductors 74HCT193N Datasheet HTML 11Page - NXP Semiconductors 74HCT193N Datasheet HTML 12Page - NXP Semiconductors 74HCT193N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
74HC_HCT193
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2013
9 of 30
NXP Semiconductors
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
9.
Static characteristics
Table 6.
Static characteristics type 74HC193
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
1.2
-
V
VCC = 4.5 V
3.15
2.4
-
V
VCC = 6.0 V
4.2
3.2
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
0.8
0.5
V
VCC = 4.5 V
-
2.1
1.35
V
VCC = 6.0 V
-
2.8
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
--
-
IO = 20 A; VCC = 2.0 V
1.9
2.0
-
V
IO = 20 A; VCC = 4.5 V
4.4
4.5
-
V
IO = 20 A; VCC = 6.0 V
5.9
6.0
-
V
IO = 4.0 mA; VCC = 4.5 V
3.984.32-
V
IO = 5.2 mA; VCC = 6.0 V
5.485.81-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO =20 A; VCC = 2.0 V
-
0
0.1
V
IO =20 A; VCC = 4.5 V
-
0
0.1
V
IO =20 A; VCC = 6.0 V
-
0
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
V
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.26
V
II
input leakage current
VI =VCC or GND; VCC =6.0 V
-
-
0.1
A
ICC
supply current
VI = VCC or GND; IO = 0 A;
VCC =6.0 V
--
8.0
A
Ci
input capacitance
-
3.5
-
pF
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 4.5 V
3.15
-
-
V
VCC = 6.0 V
4.2
-
-
V
VIL
LOW-level input voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 4.5 V
-
-
1.35
V
VCC = 6.0 V
-
-
1.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 2.0 V
1.9
-
-
V
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 20 A; VCC = 6.0 V
5.9
-
-
V
IO = 4.0 mA; VCC = 4.5 V
3.84
-
-
V
IO = 5.2 mA; VCC = 6.0 V
5.34
-
-
V


Similar Part No. - 74HCT193N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT193N PHILIPS-74HCT193N Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
74HCT193N NXP-74HCT193N Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
More results

Similar Description - 74HCT193N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com