Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101L3Y1APE Datasheet(PDF) 10 Page - C&K Components

Part # 7101L3Y1APE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101L3Y1APE Datasheet(HTML) 10 Page - C&K Components

Back Button 7101L3Y1APE Datasheet HTML 6Page - C&K Components 7101L3Y1APE Datasheet HTML 7Page - C&K Components 7101L3Y1APE Datasheet HTML 8Page - C&K Components 7101L3Y1APE Datasheet HTML 9Page - C&K Components 7101L3Y1APE Datasheet HTML 10Page - C&K Components 7101L3Y1APE Datasheet HTML 11Page - C&K Components 7101L3Y1APE Datasheet HTML 12Page - C&K Components 7101L3Y1APE Datasheet HTML 13Page - C&K Components 7101L3Y1APE Datasheet HTML 14Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
F–12
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
Actuator Shown In Pos. 1
SECTION A-A
PC MOUNTING
Dim ‘A’
Actuator Shown In Pos. 1
Snap-In
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
V2, V6, V7, V8
VERTICAL MOUNT, V-BRACKET
V21, V71, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
7401MD9AV2BE
Vertical Actuation
4PDT
7101MD9__BE
SPDT
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
Not available with I seal option.
V2, V21
.555 (14,10)
V6
.460 (11,68)
V7, V71
.630 (16,00)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
Actuator Shown In Pos. 1
SECTION A-A
AV2
VERTICAL RIGHT ANGLE, PC THRU-HOLE,
.150" PITCH
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
7301MD9AV2BE
Vertical Actuation
3PDT
7000 Series
Miniature Toggle Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING


Similar Part No. - 7101L3Y1APE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7101 GILWAY-7101 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7101 COTO-7101 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7101 CK-COMPONENTS-7101 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results

Similar Description - 7101L3Y1APE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com