Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA5H0280 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA5H0280
Description  Fairchild Power Switch(FPS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0280 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA5H0280 Datasheet HTML 1Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 2Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 3Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 4Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 5Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 6Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 7Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 8Page - Fairchild Semiconductor KA5H0280 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA5X02XX-SERIES
3
Electrical Characteristics (SFET Part)
(Ta=25
°C unless otherwise specified)
Note:
1. Pulse test: Pulse width
≤ 300µS, duty cycle ≤ 2%
2.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
KA5x0265xRx
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
650
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max. Rating, VGS=0V
-
-
50
µA
VDS=0.8Max. Rating,
VGS=0V, TC=125
°C
-
-
200
µA
Static Drain-Source on Resistance (Note)
RDS(ON)
VGS=10V, ID=0.5A
-
5.0
6.0
Forward Transconductance (Note)
gfs
VDS=50V, ID=0.5A
1.5
2.5
-
S
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
550
-
pF
Output Capacitance
Coss
-
38
-
Reverse Transfer Capacitance
Crss
-
17
-
Turn on Delay Time
td(on)
VDD=0.5B VDSS, ID=1.0A
(MOSFET switching time is
essentially independent of
operating temperature)
-20-
nS
Rise Time
tr
-
15
-
Turn Off Delay Time
td(off)
-
55
-
Fall Time
tf
-
25
-
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS=10V, ID=1.0A,
VDS=0.5B VDSS (MOSFET
switching time is essentially
independent of operating
temperature)
--
35
nC
Gate-Source Charge
Qgs
-
3
-
Gate-Drain (Miller) Charge
Qgd
-
12
-
KA5x0280R
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=50
µA
800
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=Max. Rating, VGS=0V
-
-
50
µA
VDS=0.8Max. Rating,
VGS=0V, TC=125
°C
-
-
200
µA
Static Drain-Source on Resistance (Note)
RDS(ON)
VGS=10V, ID=0.5A
-
5.6
7.0
Forward Transconductance (Note)
gfs
VDS=50V, ID=0.5A
1.5
2.5
-
S
Input Capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
250
-
pF
Output Capacitance
Coss
-
52
-
Reverse Transfer Capacitance
Crss
-
25
-
Turn on Delay Time
td(on)
VDD=0.5B VDSS, ID=1.0A
(MOSFET switching time is
essentially independent of
operating temperature)
-21
-
nS
Rise Time
tr
-
28
-
Turn Off Delay Time
td(off)
-
77
-
Fall Time
tf
-
24
-
Total Gate Charge
(Gate-Source+Gate-Drain)
Qg
VGS=10V, ID=1.0A,
VDS=0.5B VDSS (MOSFET
switching time is essentially
independent of operating
temperature)
--
60
nC
Gate-Source Charge
Qgs
-
15
-
Gate-Drain (Miller) Charge
Qgd
-
20
-
S
1
R
----
=


Similar Part No. - KA5H0280

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA5H0280R ONSEMI-KA5H0280R Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
KA5H0280RTU ONSEMI-KA5H0280RTU Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
KA5H0280RYDTU ONSEMI-KA5H0280RYDTU Datasheet
295Kb / 15P
   Power Switch
October-2017, Rev. 2
More results

Similar Description - KA5H0280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com