Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

46121 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 46121
Description  Hand Crimping Tools
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

46121 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 46121 Datasheet HTML 2Page - Tyco Electronics 46121 Datasheet HTML 3Page - Tyco Electronics 46121 Datasheet HTML 4Page - Tyco Electronics 46121 Datasheet HTML 5Page - Tyco Electronics 46121 Datasheet HTML 6Page - Tyco Electronics 46121 Datasheet HTML 7Page - Tyco Electronics 46121 Datasheet HTML 8Page - Tyco Electronics 46121 Datasheet HTML 9Page - Tyco Electronics 46121 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
408-1559
Hand Crimping Tools
Rev P
6 of 10
Tyco Electronics Corporation
Figure 7
1
Insulation barrel is in firm contact with wire insulation.
2
Correct color code, dot code, and tool combination (Rib code
on bottom, dot code on top when crimped in tool No. 69454).
3
Wire size is within the wire range stampedunder the terminal
tongue or on the center of the splice.
4
Crimp is centeredon the wire barrel.
5
Conductor end is flush with, or extends beyond, the end of the
terminal wire barrel.
6
Conductor end is against the wire stop, is at least flush with, or
extends slightly beyond, the wire barrel.
7
Wire insulation does not enter the wire barrel.
8
No nicked or missing conductor strands.
1
No flash or extruded insulation.
2
Correct color code, dot code, and tool combination. Dot coding
disappears from sealed splices when they are heat sealed.
3
Correct wire size is used.
4
Wire insulation does not enter wire barrel of splice.
5
Endof conductor is against wire stop, is at least flush with, or
extends slightly beyond, the splice's wire barrel.
6
Endof conductor is bottomedin cap.
7
Full width of crimp is over wire barrel.
8
No nicked or missing conductor strands.
9
Crimp is centeredon wire barrel.
10
Splice insulation is in contact with wire insulation.
PIDG AND
PLASTI-GRIP
Terminals
PIDG
Butt Splices
PLASTI-GRIP
Butt Splice
Spare Wire
Caps
1
2
4
5
3
7
8
6
3
4
6
2
1
A Dot Code (1 or 2 Dots) Must Appear
on All CrimpedItems
(Rib code on bottom, dot code on top when
crimpedin tool No. 69454)
3
1
5
2
10
9
4
8
5
Wire Stop
4
8
6
7
2
1
3
Wire Stop
6. INITIAL TOOL INSPECTION
Hand crimping tools are inspected before
shipment. The tool received should be inspected
immediately upon arrival to ensure that the tool has
not been damaged during shipment, and that it
performs according to the criteria described in this
sheet. If a tool is damaged upon arrival, retain the
shipping container, file a claim with the carrier, and
notify Tyco Electronics immediately.
7. MAINTENANCE/INSPECTION
7.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
from the tool with a clean brush or a soft, lint–free
cloth. Do NOT use objects that could damage the
tool.
2. Make sure that the proper retaining pins are in
place and are secured with the proper retaining
rings.
3. Make certain that all pins, pivot points, and
bearing surfaces are protected with a THIN coat
of any good SAE 20 motor oil. Do NOT oil
excessively.
4. When the tool is not in use, keep the handles
closed to prevent objects from becoming lodged in
the crimping areas and store the tool in a clean,
dry area.


Similar Part No. - 46121

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
46121 MACOM-46121 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
logo
TE Connectivity Ltd
46121 TEC-46121 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Turck, Inc.
4612100 TURCK-4612100 Datasheet
135Kb / 2P
   Inductive Sensor
11/07/2023
4612120 TURCK-4612120 Datasheet
176Kb / 3P
   Inductive Sensor
11/07/2023
logo
Alpha Wire
461219 ALPHAWIRE-461219 Datasheet
97Kb / 4P
   Customer Specification
2/20/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com