Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC193PW Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC193PW
Description  Presettable synchronous 4-bit binary up/down counter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC193PW Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC193PW Datasheet HTML 1Page - NXP Semiconductors 74HC193PW Datasheet HTML 2Page - NXP Semiconductors 74HC193PW Datasheet HTML 3Page - NXP Semiconductors 74HC193PW Datasheet HTML 4Page - NXP Semiconductors 74HC193PW Datasheet HTML 5Page - NXP Semiconductors 74HC193PW Datasheet HTML 6Page - NXP Semiconductors 74HC193PW Datasheet HTML 7Page - NXP Semiconductors 74HC193PW Datasheet HTML 8Page - NXP Semiconductors 74HC193PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1.
General description
The 74HC193; 74HCT193 is a 4-bit synchronous binary up/down counter. Separate
up/down clocks, CPU and CPD respectively, simplify operation. The outputs change state
synchronously with the LOW-to-HIGH transition of either clock input. If the CPU clock is
pulsed while CPD is held HIGH, the device will count up. If the CPD clock is pulsed while
CPU is held HIGH, the device will count down. Only one clock input can be held HIGH at
any time to guarantee predictable behaviour. The device can be cleared at any time by the
asynchronous master reset input (MR); it may also be loaded in parallel by activating the
asynchronous parallel load input (PL). The terminal count up (TCU) and terminal count
down (TCD) outputs are normally HIGH. When the circuit has reached the maximum
count state of 15, the next HIGH-to-LOW transition of CPU will cause TCU to go LOW.
TCU will stay LOW until CPU goes HIGH again, duplicating the count up clock. Likewise,
the TCD output will go LOW when the circuit is in the zero state and the CPD goes LOW.
The terminal count outputs can be used as the clock input signals to the next higher order
circuit in a multistage counter, since they duplicate the clock waveforms. Multistage
counters will not be fully synchronous, since there is a slight delay time difference added
for each stage that is added. The counter may be preset by the asynchronous parallel
load capability of the circuit. Information present on the parallel data inputs (D0 to D3) is
loaded into the counter and appears on the outputs (Q0 to Q3) regardless of the
conditions of the clock inputs when the parallel load (PL) input is LOW. A HIGH level on
the master reset (MR) input will disable the parallel load gates, override both clock inputs
and set all outputs (Q0 to Q3) LOW. If one of the clock inputs is LOW during and after a
reset or load operation, the next LOW-to-HIGH transition of that clock will be interpreted
as a legitimate signal and will be counted. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
Input levels:
For 74HC193: CMOS level
For 74HCT193: TTL level
Synchronous reversible 4-bit binary counting
Asynchronous parallel load
Asynchronous reset
Expandable without external logic
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
74HC193; 74HCT193
Presettable synchronous 4-bit binary up/down counter
Rev. 4 — 24 June 2013
Product data sheet


Similar Part No. - 74HC193PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC193PW NXP-74HC193PW Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
logo
Nexperia B.V. All right...
74HC193PW NEXPERIA-74HC193PW Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 7 - 8 September 2021
74HC193PW-Q100 NEXPERIA-74HC193PW-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC193PW-Q100 NEXPERIA-74HC193PW-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
More results

Similar Description - 74HC193PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC169 NXP-74LVC169 Datasheet
138Kb / 22P
   Presettable synchronous 4-bit up/down binary counter
Rev. 05-8 June 2009
logo
Texas Instruments
CD74AC191 TI-CD74AC191 Datasheet
51Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 NXP-74HC193 Datasheet
157Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
Rev. 4-24 June 2013
74LVC169 PHILIPS-74LVC169 Datasheet
124Kb / 14P
   Presettable synchronous 4-bit up/down binary counter
1998 May 20
logo
Nexperia B.V. All right...
74HC193-Q100 NEXPERIA-74HC193-Q100 Datasheet
776Kb / 29P
   Presettable synchronous 4-bit binary up/down counter
74HC191 NEXPERIA-74HC191 Datasheet
296Kb / 18P
   Presettable synchronous 4-bit binary up/down counter
Rev. 6 - 8 September 2021
74HCT193-Q100 NEXPERIA-74HCT193-Q100 Datasheet
330Kb / 24P
   Presettable synchronous 4-bit binary up/down counter
Rev. 3 - 8 September 2021
logo
NXP Semiconductors
74HC191 PHILIPS-74HC191 Datasheet
108Kb / 14P
   Presettable synchronous 4-bit binary up/down counter
December 1990
logo
Texas Instruments
CD54AC191 TI-CD54AC191 Datasheet
53Kb / 10P
[Old version datasheet]   Presettable Synchronous 4-Bit Binary Up/Down Counter
logo
NXP Semiconductors
74HC193 PHILIPS-74HC193 Datasheet
95Kb / 13P
   Presettable synchronous 4-bit binary up/down counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com