Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD48E59 Datasheet(PDF) 11 Page - Rohm

Part # BD48E59
Description  Standard CMOS Voltage Detector IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD48E59 Datasheet(HTML) 11 Page - Rohm

Back Button BD48E59 Datasheet HTML 7Page - Rohm BD48E59 Datasheet HTML 8Page - Rohm BD48E59 Datasheet HTML 9Page - Rohm BD48E59 Datasheet HTML 10Page - Rohm BD48E59 Datasheet HTML 11Page - Rohm BD48E59 Datasheet HTML 12Page - Rohm BD48E59 Datasheet HTML 13Page - Rohm BD48E59 Datasheet HTML 14Page - Rohm BD48E59 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Datasheet
11/14
BD48Exxx-M series
BD49Exxx-M series
TSZ02201-0R7R0G300070-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013.Rev.003
www.rohm.com
TSZ22111
15
001
Circuit Applications
1) Examples of a common power supply detection reset circuit.
Application examples of BD48Exxx-M series (Open
Drain output type) and BD49Exxx-M series (CMOS
output type) are shown on the left.
CASE1: Power supply of the microcontroller (VDD2)
differs from the power supply of the reset detection
(VDD1).
Use an open drain output type (BD48xxx-M) device with
a load resistance RL attached as shown in figure 15.
CASE2: Power supply of the microcontroller (VDD1) is
same as the power supply of the reset detection (VDD1).
Use a CMOS output type (BD49xxx-M) device or an
open drain device with a pull up resistor between output
and VDD1.
When a capacitance CL for noise filtering is connected to
the VOUT pin (the reset signal input terminal of the
microcontroller), please take into account the waveform
of the rise and fall of the output voltage (VOUT).
The Electrical characteristics were measured using
RL= 470kΩ and CL = 100pF.
2) The following is an example of a circuit application in which an OR connection between two types of detection voltage
resets the microcontroller.
To reset the microcontroller when many independent power supplies are used in the system, OR connect an open drain
output type (BD48Exxx-M series) to the microcontroller’s input with pull-up resistor to the supply voltage of the
microcontroller (VDD3) as shown in Fig. 17. By pulling-up to VDD3, output “High” voltage of micro-controller power supply is
possible.
Fig.16 CMOS Output Type
VDD1
BD48Exxx-M
VDD2
GND
Micro
Controller
RST
C L
(
Capacitor is for
noise filtering
RL
CL
(
Capacitor is for
filtering
VDD1
BD49Exxx-M
Micro
Controller
RST
GND
Fig.15 Open Drain Output Type
VDD2
VDD1
VDD3
GND
Microcontroller
RL
BD48Exxx-M
BD48Exxx-M
RST
Fig.17


Similar Part No. - BD48E59

ManufacturerPart #DatasheetDescription
logo
Rohm
BD48E59 ROHM-BD48E59 Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E59 ROHM-BD48E59 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E59 ROHM-BD48E59 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E59 ROHM-BD48E59 Datasheet
507Kb / 18P
   Standard CMOS Standard CMOS
BD48E59 ROHM-BD48E59 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results

Similar Description - BD48E59

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4860 ROHM-BD4860_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4833G-TR ROHM-BD4833G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48K25G-TL ROHM-BD48K25G-TL Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4835G-TR ROHM-BD4835G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4940G-TR ROHM-BD4940G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD48E23G-TR ROHM-BD48E23G-TR Datasheet
433Kb / 18P
   Standard CMOS Voltage Detector IC
BD4860 ROHM-BD4860 Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD4930G-TR ROHM-BD4930G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
BD48XXG ROHM-BD48XXG_09 Datasheet
269Kb / 10P
   Standard CMOS Voltage Detector IC
BD4850G-TR ROHM-BD4850G-TR Datasheet
507Kb / 18P
   Standard CMOS Voltage Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com