Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4066PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC4066PW
Description  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4066PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC4066PW Datasheet HTML 1Page - NXP Semiconductors 74HC4066PW Datasheet HTML 2Page - NXP Semiconductors 74HC4066PW Datasheet HTML 3Page - NXP Semiconductors 74HC4066PW Datasheet HTML 4Page - NXP Semiconductors 74HC4066PW Datasheet HTML 5Page - NXP Semiconductors 74HC4066PW Datasheet HTML 6Page - NXP Semiconductors 74HC4066PW Datasheet HTML 7Page - NXP Semiconductors 74HC4066PW Datasheet HTML 8Page - NXP Semiconductors 74HC4066PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
3 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 3.
Schematic diagram (one switch)
001aad271
GND
nZ
nE
nY
VCC
VCC
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 4.
Pin configuration for DIP14, SO14, SSOP14
and TSSOP14
Fig 5.
Pin configuration for DHVQFN14
4066
1Y
VCC
1Z
1E
2Z
4E
2Y
4Y
2E
4Z
3E
3Z
GND
3Y
001aad268
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac116
4066
Transparent top view
3E
3Z
2E
4Z
2Y
4Y
2Z
4E
1Z
1E
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
VCC(1)
Table 2.
Pin description
Symbol
Pin
Description
1Z, 2Z, 3Z, 4Z
2, 3, 9, 10
independent input or output
1Y, 2Y, 3Y, 4Y
1, 4, 8, 11
independent input or output
GND
7
ground (0 V)
1E, 2E, 3E, 4E
13, 5, 6, 12
enable input (active HIGH)
VCC
14
supply voltage


Similar Part No. - 74HC4066PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4066PW PHILIPS-74HC4066PW Datasheet
175Kb / 24P
   Quad bilateral switches
1998 Nov 10
74HC4066PW PHILIPS-74HC4066PW Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HC4066PW NXP-74HC4066PW Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
74HC4066PW NEXPERIA-74HC4066PW Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066PW-Q100 NEXPERIA-74HC4066PW-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
More results

Similar Description - 74HC4066PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com