Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT4066DB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT4066DB
Description  Quad single-pole single-throw analog switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4066DB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT4066DB Datasheet HTML 4Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 7Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 8Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 9Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 10Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 11Page - NXP Semiconductors 74HCT4066DB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
74HC_HCT4066
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 2 April 2013
8 of 25
NXP Semiconductors
74HC4066; 74HCT4066
Quad single-pole single-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
[1]
Typical values are measured at Tamb = 25 C.
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND
VCC = 6.0 V
-
-
40
A
VCC = 10.0 V
-
-
80
A
Table 7.
Static characteristics 74HC4066 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
Static characteristics 74HCT4066
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
A
IS(OFF)
OFF-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 8
per channel
-
-
1.0
A
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 9
--
1.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
20.0
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other inputs
at VCC or GND; VCC = 4.5 V to 5.5 V
-
100
450
A
CI
input capacitance
-
3.5
-
pF
Csw
switch capacitance
-
8
-
pF
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
A
IS(OFF)
OFF-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 8
per channel
-
-
1.0
A
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 9
--
1.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
--
40
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other inputs
at VCC or GND; VCC = 4.5 V to 5.5 V
-
-
490
A


Similar Part No. - 74HCT4066DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066DB PHILIPS-74HCT4066DB Datasheet
183Kb / 27P
   Quad bilateral swiches
2004 Nov 11
74HCT4066DB NXP-74HCT4066DB Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
More results

Similar Description - 74HCT4066DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
   Quad single-pole single-throw analog switch
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
   Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
   Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
logo
NXP Semiconductors
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com