Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31176 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 31176
Description  SOLISTRAND, Budget and DIAMOND GRIP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31176 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 31176 Datasheet HTML 2Page - Tyco Electronics 31176 Datasheet HTML 3Page - Tyco Electronics 31176 Datasheet HTML 4Page - Tyco Electronics 31176 Datasheet HTML 5Page - Tyco Electronics 31176 Datasheet HTML 6Page - Tyco Electronics 31176 Datasheet HTML 7Page - Tyco Electronics 31176 Datasheet HTML 8Page - Tyco Electronics 31176 Datasheet HTML 9Page - Tyco Electronics 31176 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Nominal
Strands
Approximate
CMA
Wire Size
No.
Diameter
Conductor Diameter
AWG
mm2
Inch
mm
Inch
mm
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
Table listing: Circular Mil Area for common wire sizes (Continued)
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
6
Wire Sizes in AWG
and mm2 to CMA
Note: The following tables are
applicable to single and
multiple strand, round,
conductors only.
16387
8
8
133
.0111
0.28
0.167
4.24
16473
8
8
37
.0211
0.54
0.150
3.81
16512
8
8
1
.1285
3.26
0.129
3.26
16533
8
8
7
.0486
1.23
0.146
3.71
16535
8
8
19
.0295
0.75
0.148
3.76
16589
8
8
49
.0184
0.47
0.150
3.81
16983
8
8.5
133
.0113
0.29
0.167
4.24
18853
7
10
19
.0315
0.80
0.161
4.10
19719
7
10
80
.0157
0.40
0.165
4.20
19737
7
10
7
.0531
1.35
0.159
4.05
19768
7
10
1
.1406
3.57
0.141
3.57
19796
7
10
49
.0201
0.51
0.161
4.10
26179
6
13
37
.0266
0.68
0.174
4.42
26218
6
13
7
.0612
1.55
0.184
4.67
26244
6
13
1
.1620
4.11
0.162
4.11
26292
6
15
19
.0372
0.94
0.202
5.13
26818
6
14
133
.0142
0.36
0.210
5.33
27783
6
14
7
.0630
1.60
0.189
4.80
31057
5.5
16
126
.0157
0.400
0.209
5.30
31329
5.5
16
7
.0669
1.700
0.197
5.00
31400
5.5
16
1
.1772
4.500
0.177
4.50
32199
5
16
37
.0295
0.750
0.197
5.00
33088
5
15.5
1
.1819
4.620
0.182
4.62
40682
4.5
20
41
.0315
0.800
0.236
6.00
41616
4
21
1
.2040
5.182
0.204
5.18
41718
4
21
7
.0772
1.961
0.232
5.89
41771
4
21
37
.0336
0.853
0.240
6.10
41792
4
21
19
.0469
1.191
0.226
5.74
42615
4
21
133
.0179
0.455
0.272
6.90
43356
3.5
22
7
.0787
2.000
0.236
6.00
48312
3
25
196
.0157
0.400
0.260
6.60
48867
3
25
783
.0079
0.200
0.280
7.10
49745
3
25
7
.0843
2.140
0.253
6.42
50010
3
25
84
.0244
0.620
0.260
6.60
57205
2.5
34
7
.0904
2.296
0.292
7.42
57459
2.5
30
7
.0906
2.300
0.272
6.90
66049
2
34
1
.2570
6.528
0.257
6.53
66139
2
34
19
.0590
1.499
0.332
8.43
66500
2
35
665
.0100
0.254
0.345
8.76
66517
2
34
37
.0424
1.077
0.300
7.62
68031
2
35
276
.0157
0.400
0.307
7.80
68857
2
35
19
.0602
1.530
0.301
7.65
69088
2
35
1107
.0079
0.200
0.335
8.50
73400
1.5
38
7
.1024
2.600
0.307
7.80
81700
1
41
817
.0100
0.254
0.382
9.70
83600
1
42
836
.0100
0.254
0.386
9.80
84341
1
40
85
.0315
0.800
0.339
8.60
95509
0
50
19
.0709
1.800
0.354
9.00
97610
0
50
396
.0157
0.400
0.406
10.30
98409
0
50
702
.0118
0.300
0.370
9.40
104500
0
53
1045
.0100
0.254
0.431
10.95
106400
0
54
1064
.0100
0.254
0.435
11.05
117680
0
60
19
.0787
2.000
0.394
10.00
133000
00
67
1330
.0100
0.254
0.486
12.34
135023
00
70
19
.0843
2.140
0.421
10.70
139101
00
70
999
.0118
0.300
0.488
12.40
139712
00
70
360
.0197
0.500
0.488
12.40
155959
000
80
19
.0906
2.300
0.453
11.50
167200
000
85
1672
.0100
0.254
0.545
13.84
184343
000
95
475
.0197
0.500
0.571
14.50
185468
000
95
1332
.0118
0.300
0.571
14.50
186972
000
95
19
.0992
2.520
0.496
12.60
199229
0000
100
19
.1024
2.600
0.512
13.00
210900
0000
105
2109
.0100
0.254
0.635
16.13
235959
0000
120
608
.0197
0.500
0.630
16.00
236208
0000
120
37
.0799
2.030
0.571
14.50
247791
0000
125
19
.1142
2.900
0.571
14.50
249856
250
127
61
.0640
1.623
0.576
14.63
249864
250
127
91
.0524
1.331
0.576
14.63
249870
250
127
12
.1443
3.665
0.600
15.24
249966
250
127
19
.1147
2.913
0.574
14.58
250003
250
127
37
.0822
2.088
0.575
14.61
299700
300
152
37
.0900
2.29
0.630
16.0
299755
300
152
61
.0701
1.781
0.631
16.03
299823
300
152
91
.0574
1.458
0.631
16.03


Similar Part No. - 31176

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
311760-10 NUMONYX-311760-10 Datasheet
685Kb / 54P
   128-Mbit W18 Family with Synchronous PSRAM
logo
METZ CONNECT GmbH
311761 METZ-311761 Datasheet
316Kb / 5P
   screw type terminal block, pluggable
311761 METZ-311761 Datasheet
322Kb / 5P
   centerline 5.00 mm, direction of connection vertical 0째
More results

Similar Description - 31176

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
PIDG TEC-PIDG Datasheet
1Mb / 24P
   Pre-Insulated Diamond Grip
logo
Tyco Electronics
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
34320 MACOM-34320 Datasheet
81Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
34227 MACOM-34227 Datasheet
45Kb / 1P
   SPLICE, BUTT, STANDARD, BUDGET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com