Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

244-03A Datasheet(PDF) 1 Page - Tyco Electronics

Part # 244-03A
Description  240 Series DIN Panel Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

244-03A Datasheet(HTML) 1 Page - Tyco Electronics

  244-03A Datasheet HTML 1Page - Tyco Electronics 244-03A Datasheet HTML 2Page - Tyco Electronics 244-03A Datasheet HTML 3Page - Tyco Electronics 244-03A Datasheet HTML 4Page - Tyco Electronics 244-03A Datasheet HTML 5Page - Tyco Electronics 244-03A Datasheet HTML 6Page - Tyco Electronics 244-03A Datasheet HTML 7Page - Tyco Electronics 244-03A Datasheet HTML 8Page - Tyco Electronics 244-03A Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
240 Series DIN Panel Meters
8
Features
An extensive range of specialist
measuring meters in 4 case sizes
Shock resistant taut band suspension
Vibration-proof Hi-Q damping
Slide in dials for 90°current, voltage and
frequency on models 242, 243 and 244
Terminal covers supplied as standard
Benefits
Low cost
Local indication
Ease of installation
Minimal training
Low maintenance
Customised options and features
Applications
Switchgear
Distribution systems
Generator sets
Control panels
Energy management
Building management
Utility power monitoring
Process control
Motor control
Approvals
LRS and BV Approvals.
An extensive range of 48, 72, 96 and 144mm DIN style panel meters offering
measurement of all electrical and electronic parameters. Meters are shock resistant
and vibration proof and supplied with terminal covers. A selection of slide in dials
and customised options are available.
Movements
In Crompton Instruments’ world-patented ‘Hi-Q’ taut band suspension, all the
delicate parts of the traditional instruments are eliminated. There are no pivots, no
jewel bearings, no hair-springs and no air damping vane. Instead, a tough platinum
ribbon suspends the moving element between front and rear tension springs.
Specially contoured pads are fitted to the ends of the spindle, and the working gap at
each end is filled with a high quality silicon fluid. The pads, together with the fluid
reservoir, form a system which acts as a resilient built-in shock absorber. This
provides both rotational and longitudinal damping as the moving element floats on
oil with no bearing friction and is effectively cushioned against shock and vibration.
360° Synchroscopes and power factor meters have robust pivot and jewel bearings
with oil damping.
Dials, Scales and Pointers
Standard dials are matt white with black printed scales and bar knife-edge pointers.
Black dials with white or yellow scales and pointers are also available.
Interchangeable slide in dials are used on models 242, 243 and 244 90° moving iron,
moving coil and frequency meters.
General options include red supplementary pointers, red indexes (quadrant scales),
red, green or blue lines, bands or segments, finely spaced divisions, multi-scales,
special scales and captions to customer' requirements.
Illumination
Internal illumination is available in the following models:
• 244 and 246 shortscale moving coil and moving iron vane.
• 243, 244 and 246 longscale moving coil and moving iron vane.
Through dial (Translucent) illumination on 244 and 246 models.
Edge illumination on 243, 244 and 246 models.
Replaceable 6, 12 or 24V lamps are used on all models except 243 longscale meters,
where the lamps are internal.
Specification
Performance
BSEN60051
Measuring Ranges
DIN 43701
Accuracy Overload
BSEN60051
Dimensions
DIN 43700
Scale Marking Generally
DIN43802
Magnetic Influence
BSEN60051
Safety
IEC414
Terminals
Clamp strap M4 up to 25A. Clamp strap M8 over 25A
Humidity Range
Up to 95% RH (non condensing)
Test Voltage @50Hz
2kV RMS for 1 minute
Overload AC Current
x 1.2 continuous x 10 for 5 seconds
Overload AC Voltage
x 1.2 continuous x 2 for 5 seconds
Frequency
See main pages for other instruments
Damping Time
Less than 3 seconds is standard. More heavily damped
movements are available on request.
Standard Calibration
23°C
Operating Temperature
-20°C to +60°C
Enclosure Code
IP54 as standard (to BSEN60529). IP55 consult factory
Terminals IP20B with terminal cover or terminal
boots fitted
Case
Grade UL94V0
Base
Grade UL94V1


Similar Part No. - 244-03A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
244-23000-15 ETC2-244-23000-15 Datasheet
113Kb / 1P
   Type B19 Female connector
244-23300-15 ETC2-244-23300-15 Datasheet
113Kb / 1P
   Type B19 Female connector
244-23600-1 ETC2-244-23600-1 Datasheet
113Kb / 1P
   Type B19 Female connector
244-62000-15 ETC2-244-62000-15 Datasheet
114Kb / 1P
   Type AB22 Female connector
244-62300-15 ETC2-244-62300-15 Datasheet
114Kb / 1P
   Type AB22 Female connector
More results

Similar Description - 244-03A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
47NLNT MSYSTEM-47NLNT Datasheet
176Kb / 5P
   Digital Panel Meters 47NL Series
47NLR MSYSTEM-47NLR Datasheet
242Kb / 4P
   Digital Panel Meters 47NL Series
47NLRT MSYSTEM-47NLRT Datasheet
187Kb / 4P
   Digital Panel Meters 47NL Series
47LYV MSYSTEM-47LYV Datasheet
154Kb / 5P
   Digital Panel Meters 47 Series
47LV MSYSTEM-47LV Datasheet
201Kb / 8P
   Digital Panel Meters 47 Series
47LPT MSYSTEM-47LPT Datasheet
184Kb / 7P
   Digital Panel Meters 47 Series
47NLN MSYSTEM-47NLN Datasheet
221Kb / 4P
   Digital Panel Meters 47NL Series
43AL1 MSYSTEM-43AL1 Datasheet
188Kb / 6P
   Digital Panel Meters 43 Series
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
M-System Co.,Ltd.
43AL1-B MSYSTEM-43AL1-B Datasheet
131Kb / 4P
   Digital Panel Meters 43 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com