Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS2801-4 Datasheet(PDF) 6 Page - ISOCOM COMPONENTS

Part # IS2801-4
Description  Hybrid substrates that require high density mounting, Programmable controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS2801-4 Datasheet(HTML) 6 Page - ISOCOM COMPONENTS

Back Button IS2801-4 Datasheet HTML 2Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 3Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 4Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 5Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 6Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 7Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 8Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 9Page - ISOCOM COMPONENTS IS2801-4 Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IS2801-4
0
10
20
30
40
50
60
-25
0
25
50
75
100
Ambient Temperature,Ta (℃)
1
10
100
0.40.6
0.81.0
1.21.4
1.61.8
2.0
Forward Voltage,VF ( V )
Ta=100
oC
75
oC
50
oC
30
oC
0
oC
25
oC
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.1
1
10
100
Forward Current, IF (mA)
1
10
100
1000
0.51
1.52
2.53
Pulse Forward Voltage, VFP(V )
Pulse Widths
≦ 10 us
Repetitive Frequency
= 100Hz
Ta = 25
Duty Ratio
Pulse width < = 100 s
0.1
1
0.01
0.001
10
10000
100
1000
Ta= 25 C
o
0.0001
0
20
40
60
80
100
120
140
160
-25
0
25
50
75
100
125
Ambient Temperature,Ta(℃)
LTV-217
LTV-227
LTV-247
CHARACTERISTICS CURVES
Part No. : IS2801-4
Page : 6
of 10
Figure 1. Collector Power Dissipation vs. Ambient Temperature
Figure 2. Fo
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Forward Voltage Temperature Coefficient vs.
Forward Current
Figure 5. Pulse Forward Current vs. Duty Cycle Ratio
Figure 6. Pulse Forward Current vs. Pulse Forward
Voltage


Similar Part No. - IS2801-4

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
   IS2801-1 ( Compact Range )
More results

Similar Description - IS2801-4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-355T LITEON-LTV-355T Datasheet
138Kb / 8P
   Hybrid substrates that require high density mounting Programmable controllers
logo
ISOCOM COMPONENTS
IS4100 ISOCOM-IS4100 Datasheet
250Kb / 10P
   Hybrid substrates that require high density mounting, Programmable controllers
logo
Lite-On Technology Corp...
LTV-358T LITEON-LTV-358T Datasheet
189Kb / 9P
   Hybrid substrates that require high density mounting, Programmable controllers
LTV-354T LITEON-LTV-354T Datasheet
316Kb / 9P
   Hybrid substrates that require high density mounting
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
   Programmable Controllers AC/DC?묲nput Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
logo
MERITEK ELECTRONICS COR...
SREJ MERITEK-SREJ Datasheet
745Kb / 4P
   For high density mounting
SREL MERITEK-SREL Datasheet
768Kb / 4P
   For high density mounting
SREM MERITEK-SREM Datasheet
751Kb / 4P
   For high density mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com