Electronic Components Datasheet Search |
|
31088 Datasheet(PDF) 8 Page - Tyco Electronics |
|
31088 Datasheet(HTML) 8 Page - Tyco Electronics |
8 / 60 page SOLISTRAND, Budget and DIAMOND GRIP Uninsulated Terminals and Splices Catalog 65505 Revised 9-00 For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752. Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents. Specifications subject to change. Consult AMP for latest specifications. 8 The SOLISTRAND Terminal SOLISTRAND terminals and splices are specially designed to terminate solid and stranded wire, irregular shaped conduc- tors, and combinations of these — still retaining the superior performance char- acteristics of single-purpose terminals and splices. Because AMP matches the terminal to the tool each termination is uniformly perfect, making quality control easy and performance consistent. Corrosion resistance, vibration resis- tance and tensile strength of these termi- nals and splices are well within the lim- its of commercial and military specifica- tions. The SOLISTRAND line includes parallel and butt splices, and flag, ring, spade, hooked, and flanged tongue ter- minals in sizes from 26 AWG [0.1 mm2] through 600 MCM [304 mm2]. The Crimp The “W” Crimp is one of several time- proven crimp types developed by AMP. It is not just a “kink” in a metal barrel; not something pinched over electrical wire ends. The “W” Crimp is actually two longitudinal crimps applied with pre- cisely controlled pressure so that the conductor within the barrel flows togeth- er into the dimples or serrations of the terminal barrel creating one homoge- neous mass of metal. The two indents also help to center conductors within the barrel for uniform crimping of the barrel around the wire. Furthermore, the “W” Crimp permits the use of a shorter termi- nal barrel, an excellent feature for con- fined area termination. The “W” Crimp creates terminations of optimum electrical properties and is completely reliable, giving long service in punishing environments. BASIC TERMINAL MATERIAL. The basic terminal is constructed of fine grade high conductivity copper per ASTM B-152 and tin-plated per MIL-T-10727. Basic material for Spring Spade Tongue Terminals is phosphor bronze per ASTM B-103 and tin-plated per MIL-T-10727. AMP’s special plating process cre- ates durable corrosion resistance to salt spray and most chemical fumes. DIMPLES OR SERRATIONS. Inner surface either dimpled or serrated for optimum tensile strength and maximum electrical contact area after crimping. BELL MOUTH. Bell shape of barrel entrance makes insertion of wires easier. SOLISTRAND Terminals meet or exceed the requirements of MIL-T-7928, Type I, Class 1 and 2. Temperature Rating: 170°C Max. AMP SOLISTRAND Terminals and Splices (Use SOLISTRAND Tooling) AMP Inc. Listed LR 7189 Wire Size File No. E13288 Certified 22–16 22–16 22–16 Solid or Stranded Solid or Stranded Solid or Stranded 16–14 16–14 16–14 Solid or Stranded Solid or Stranded Solid or Stranded 16–14 Heavy Duty 16–14 Heavy Duty 16–14 Heavy Duty Solid or Stranded Stranded Solid or Stranded 14–12 14–12 14–12 Solid or Stranded Stranded Solid or Stranded 12–10 12–10 12–10 Solid or Stranded Stranded Solid or Stranded 8 thru 600 MCM 8 thru 600 MCM 8 thru 600 MCM Solid or Stranded Stranded Solid or Stranded Note: 22-16 terminals and splices are stamped 22-18 in accordance with MIL-T-7928. Commercial wire range is 22-16. DANGER: Not to be used on aluminum wire — may cause equipment failure leading to serious injury or death. “W” Crimp One Solid Two Solid One Stranded One Solid Two Stranded BRAZED SEAM. The barrel is completely closed and seam is brazed for uniform metal strength around the entire barrel area. |
Similar Part No. - 31088 |
|
Similar Description - 31088 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |