Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30972 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 30972
Description  SOLISTRAND, Budget and DIAMOND GRIP
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

30972 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 30972 Datasheet HTML 5Page - Tyco Electronics 30972 Datasheet HTML 6Page - Tyco Electronics 30972 Datasheet HTML 7Page - Tyco Electronics 30972 Datasheet HTML 8Page - Tyco Electronics 30972 Datasheet HTML 9Page - Tyco Electronics 30972 Datasheet HTML 10Page - Tyco Electronics 30972 Datasheet HTML 11Page - Tyco Electronics 30972 Datasheet HTML 12Page - Tyco Electronics 30972 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
9
The Budget Terminal
Budget Terminals and splices are pri-
marily the same as SOLISTRAND prod-
ucts except for the absence of the brazed
seam in the wire barrel. This terminal is
ideal for applications where extreme
vibration and tension on the wire are not
present. These terminals and splices ful-
fill the need for an economical and elec-
trically superior termination through the
use of high grade materials, long plating
experience and a proven crimp.
One of the most desirable features of this
terminal and splice is the “F” Crimp.
This proven crimp configuration rolls the
open seam barrel into the conductor pre-
senting a large surface to the inside of
the terminal barrel assuring optimum
electrical performance.
The Budget line includes butt splices,
ring, rectangular, flanged spade, hooked,
and spring spade tongue terminals in
sizes from 26 AWG [0.1 mm2] through
10 AWG [6.64 mm2].
Temperature Rating: 170°C Max.
AMP Budget Terminals and Splices
(Use Budget Tooling)
Wire Size
Listed
File No. E13288
22–16
22–16
Stranded
Stranded
16–14
16–14
Stranded
Stranded
12–10
12–10
Stranded
Stranded
Note: 22-16 terminals and splices are stamped
22-18 in accordance with MIL-T-7928.
Commercial wire range is 22-16.
BASIC TERMINAL MATERIAL. The
basic terminal is constructed of fine
grade high conductivity copper per
ASTM B-152 and tin-plated per MIL-
T-10727. Basic material for Spring
Spade Tongue Terminals is phos-
phor bronze per ASTM B-103 and
tin-plated per MIL-T-10727. AMP’s
special plating process creates
durable corrosion resistance to salt
spray and most chemical fumes.
BELL MOUTH. Bell shape of barrel
entrance makes insertion of wires
easier.
SERRATIONS. Inner surface
serrated for optimum tensile
strength and maximum electrical
contact area after crimping.


Similar Part No. - 30972

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3097 KR-3097 Datasheet
60Kb / 3P
   2.5 MHz Bandpass Filter
logo
Pulse A Technitrol Comp...
3097-F PULSE-3097-F Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - 30972

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
PIDG TEC-PIDG Datasheet
1Mb / 24P
   Pre-Insulated Diamond Grip
logo
Tyco Electronics
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
   Diamond Bonding and Grounding Hardware
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
34320 MACOM-34320 Datasheet
81Kb / 1P
   SPLICE, PARALLEL, SOLISTRAND
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
34227 MACOM-34227 Datasheet
45Kb / 1P
   SPLICE, BUTT, STANDARD, BUDGET
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com