Electronic Components Datasheet Search |
|
246-073 Datasheet(PDF) 6 Page - Tyco Electronics |
|
246-073 Datasheet(HTML) 6 Page - Tyco Electronics |
6 / 12 page 240 Series DIN Panel Meters 19 Temperature Indicators Longscale Indicators to read temperature values, usually remotely with RTD or thermocouple sensors supplied by the customer. RTD (Resistance Temperature Detector) indicators measure the change in resistance of the sensor. A 2 or 3 wire system may be used. Thermocouple indicators accept standard millivolt input signals. Cold junction compensation is provided and thermocouple break indication is incorporated. Specification Accuracy: Class 1.5 - Indicator only. RTD indicator suitable for 10 Ω copper 100Ω platinum, 100 & 120Ω nickel sensors Power in RTD is 100µW approximately. Thermocouple indicator suitable for J (0-700°C), K (0-1200°C) 50 Ω maximum Circuit Resistance. Auxiliary Supply: Model 45R: from 63.5V to 480V A.C. at 50/60Hz Model 45T: 110, 115, 220, 240, 380, 400, 480V A.C. and 12, 24, 48, 110, 125V D.C. Burden: -45R 2VA, -45T 3VA Product Codes Bezel Size mm 96 144 Scale length mm 150 230 Product Codes RTD 244-45R 246-45R Thermocouple 244-45T 246-45T Process Indicators Used to check process functions locally or remotely at centralised controls. These moving coil instruments offer a wide variety of electrical and mechanical readouts operated by transducer, tachogenerator, thermocouple, resistance bulb or other D.C. analogue signals. Suppressed, centre and offset zero models are available on request. Specification Accuracy: Class 1.5 Ratings: 1, 2, 5, 10 & 20mA. 4/20mA suppressed zero. Burden: See our technical data sheet T118. Product Codes – Short Scale Models Bezel Size mm 48 72 96 144 Scale length mm 42 65 94 145 Product Codes A.C. Current 242-89A 243-01A 244-01A 246-10A A.C. Voltage 242-89V 243-01V 244-01V 246-10V Speed 242-892 243-012 244-012 246-102 Frequency 242-893 243-013 244-013 246-103 Phase Angle 242-894 243-014 244-014 246-104 Watts 242-895 243-015 244-015 246-105 VArs 242-896 243-016 244-016 246-106 VA 242-897 243-017 244-017 246-107 Product Codes – Long Scale Models Bezel Size mm 48 72 96 144 Scale length mm 72 112 150 230 Product Codes A.C. Current 242-05A 243-05A 244-05A 246-05A A.C. Voltage 242-05V 243-05V 244-05V 246-05V Speed 242-052 243-052 244-052 246-052 Frequency 242-053 243-053 244-053 246-053 Phase Angle 242-054 243-054 244-054 246-054 Watts 242-055 243-055 244-055 246-055 VArs 242-056 243-056 244-056 246-056 VA 242-057 243-057 244-057 246-057 Connections Thermocouple Indicators -45TG RTD Indicators -45RG Connections |
Similar Part No. - 246-073 |
|
Similar Description - 246-073 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |