Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1393303-7 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 3-1393303-7
Description  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1393303-7 Datasheet(HTML) 5 Page - Tyco Electronics

  3-1393303-7 Datasheet HTML 1Page - Tyco Electronics 3-1393303-7 Datasheet HTML 2Page - Tyco Electronics 3-1393303-7 Datasheet HTML 3Page - Tyco Electronics 3-1393303-7 Datasheet HTML 4Page - Tyco Electronics 3-1393303-7 Datasheet HTML 5Page - Tyco Electronics 3-1393303-7 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Catalog 1308028
Issued 01-05
Plug-in relays
Mini ISO relays
Power relay F4
36
Please observe the disclaimer.
Ordering information (Production in Europe, Asia and South America)
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Special
Relay part number
Tyco order number
arrangement
material
features
12 V plug-in relays
V23134-A0052-C643
2-1393302-2
1 Form C
AgNi0.15
Dust cover
V23134-A0052-X205
3-1393302-6
1 Form C
AgNi0.15
Dust cover
Diode
V23134-A0052-X278
4-1393302-1
1 Form C
AgNi0.15
Dust cover
Resistor 560
V23134-A1052-C643
5-1393302-8
1 Form C
AgNi0.15
Dust cover
Bracket
V23134-A1052-X828*)
7-1393305-5
1 Form C
AgNi0.15
Sealed
Bracket, resistor 680
V23134-B0052-C642
7-1393302-5
1 Form A
AgNi0.15
Dust cover
V23134-B1052-C642
3-1393303-4
1 Form A
AgNi0.15
Dust cover
Bracket
V23134-B1052-X824*)
6-1393305-9
1 Form A
AgNi0.15
Dust cover
Bracket, resistor 680
V23134-C0052-C642
3-1393303-9
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-C1052-C642
4-1393303-7
1 Form A (2 pins 87)
AgNi0.15
Dust cover
Bracket
V23134-M0052-C642
5-1393304-6
1 Form U
AgNi0.15
Dust cover
V23134-M1052-C642
7-1393304-1
1 Form U
AgNi0.15
Dust cover
Bracket
24 V plug-in relays
V23134-A0053-C643
5-1393302-1
1 Form C
AgNi0.15
Dust cover
V23134-A0056-X432
1-1414167-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, diode
V23134-A0056-X433
1-1414168-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, resistor 1.2 K
V23134-A0064-X816*)
5-1393305-3
1 Form C
AgNi0.15
Sealed
Resistor 2.7 K
V23134-A1053-C643
6-1393302-3
1 Form C
AgNi0.15
Dust cover
Bracket
V23134-A1064-X829*)
0-1432219-1
1 Form C
AgNi0.15
Sealed
Bracket, resistor 2.7 K
V23134-A1064-X830*)
8-1393305-4
1 Form C
AgNi0.15
Dust cover
Bracket, diode
V23134-B0053-C642
0-1393303-9
1 Form A
AgNi0.15
Dust cover
V23134-B1053-C642
3-1393303-7
1 Form A
AgNi0.15
Dust cover
Bracket
V23134-C0053-C642
4-1393303-4
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-C1053-C642
5-1393303-0
1 Form A (2 pins 87)
AgNi0.15
Dust cover
Bracket
V23134-M0053-C642
6-1393304-7
1 Form U
AgNi0.15
Dust cover
V23134-M1053-C642
7-1393304-4
1 Form U
AgNi0.15
Dust cover
Bracket
*)
Marking according to VF4 shematic.
Operating conditions
Temperature range, storage
Test
Climatic cycling with condensation
Temperature cycling
Damp heat
cyclic
constant
Corrosive gas
Vibration resistance
Shock resistance
Load dump
Jump start
Drop test
Flammability
Overload current2)
1)
FMVSS: Federal Motor Vehicle Safety Standard.
2)
Current and time are compatible with circuit protection by a typical 40 A automotive fuse. Relay will make, carry and break the specified current.
-40 °C to 155 °C
Relevant standard
Testing as per
Dimension
Comments
EN ISO 6988
6 cycles
Storage 8/16 h
IEC 68-2-14
Nb
10 cycles
– 40/+ 85 °C (5 °C per min.)
IEC 68-2-30
Db, Variant 1
6 cycles
Upper air temperature 55 °C
IEC 68-2-3
Ca
56 days
IEC 68-2-42
10 ± 2 cm3/m3 SO2
10 days
IEC 68-2-43
1 ± 0.3 cm3/m3 H2S
10 days
IEC 68-2-6 (sine sweep)
10-500 Hz
No change in the
min. 5 g
switching state > 10
µs
IEC 68-2-27 (half sine pulse form)
min. 20 g
Valid for NC contacts,
11 ms
NO contact values
significantly higher
ISO 7637-1 (12 V)
Test pulse 5
Vs =+ 86.5 V
ISO 7637-2 (24 V)
Test pulse 5
Vs =+ 200 V
24 V for 5 minutes conducting nominal current at 23 °C
Capable of meeting specifications after 1.0 m (3.28 foot) drop onto concrete
UL94-HB or better (meets FMVSS 302)1)
54 A, 1800 s
80 A, 5 s
140 A, 0.5 s
240 A, 0.1 s


Similar Part No. - 3-1393303-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393303-7 MACOM-3-1393303-7 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
3-1393303-7 MACOM-3-1393303-7 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
3-1393303-7 TEC-3-1393303-7 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
3-1393303-7 TEC-3-1393303-7 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 3-1393303-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
TE Connectivity Ltd
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com