Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


8-1393305-4 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 8-1393305-4
Description  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Plug-in relays
Mini ISO relays
Power relay F4
Please observe the disclaimer.
34
Catalog 1308028
Issued 01-05
Load limit curve
Pin assignment
Load limit curve 1 ^
= arc extinguishes
during transit time (changeover contact)
Load limit curve 2 ^
= safe shutdown,
no stationary arc (make contact)
1 make contact/
1 form A
Power relay F4 only
1 double make contact/
1 form U
Power relay F4 only
1 make contact (2 x pin 87)/
1 form A (2 x pin 87)
1 changeover contact/
1 form C
Models with resistor or
diode in parallel to the
coil on request.
Models with resistor or
diode in parallel to the
coil on request.
Models with resistor or
diode in parallel to the
coil on request.
*)
Models with resistor or
diode in parallel to the
coil on request.
Contact data
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current at 85 °C
Contact material
Max. switching voltage/ power
Max. switching current1)
On2)
Off
Min. recommended load4)
Voltage drop at 10 A (initial)
NO contact
NC contact
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
Max switching rate at nominal load
6 operations per minute (0.1 Hz)
1)
The values apply to a resistive or inductive load with suitable spark suppression and at maximum 13.5 V for 12 V or 27 V for 24 V load voltages.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
Special high performance 24 V version with contact gap > 0.8 mm, part number V23134-A0056-X432/-X433 (see ordering information).
4)
See chapter Diagnostics in our Application Recommendations on page 18.
Make contact/
Double make contact/
Changeover contact/
Form A or Form A (2x87)
Form U
Form C
or
12 V
24 V
12 V
24 V
12 V
24 V
24 V3)
40 A
20 A
2 x 25 A
2 x 15 A
30/40 A
15/20 A
20/30 A
AgNi0.15
AgNi0.15
AgNi0.15
AgSnO2
See load limit curve
NC/NO
NC/NO
NC/NO
120 A
120 A
2 x 100 A
2 x 100 A
45/120A
45/120A
45/120A
60 A
20 A
2 x 40 A
2 x 15 A
40/60A
15/20A
20/30A
1 A at 5 V
Typ. 15 mV, 200 mV max.
Typ. 2 x 15 mV, 200 mV max.
Typ. 15 mV, 200 mV max.
Typ. 20 mV, 250 mV max.
> 107 operations
> 2 x 105
> 1 x 105
> 2 x 105
> 1 x 105
> 2 x 105
> 1 x 105
> 1 x 105
operations
operations
operations
operations
operations
operations
operations
40 A, 14 V
20 A, 28 V
2 x 25 A, 14 V
2 x 15 A, 28 V
40 A, 14 V
20 A, 28 V
30 A, 28 V
(NO contact)
(NO contact) (NO contact)
> 5 x 105
operations
10 A, 28 V
(NC contact)




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl