Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


8-1393305-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. 8-1393305-4
Description  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Catalog 1308028
Issued 01-05
Plug-in relays
Mini ISO relays
Power relay F4
Please observe the disclaimer.
32
Powertrain
Systems
Chassis
Systems
Safety
Security
Body
Driver
Information
Convenience
Car Industry
Truck
Industry
Other
Industry
134_kop1
Description
Features
– Limiting continuous currents
60/40 A at the NO / NC con-
tacts
– Dimensional characteristics
and the functional allocations
of the plug-in terminals to
ISO 7588
– Standardized dimensions
– 24 V versions with contact
gap > 0.8 mm
– Plug-in or PCB terminals
Typical applications
– Ignition lock
– Lamp load (headlights)
– Cooling fan
– ABS
– Exhaust emission control
– Cross carline up to 60 A
– Fuel pump
– Engine cooling fan
– A/C blower
– A/C compressor clutch
– Also available for 42 V
applications
Please contact Tyco Electronics
for relay application support.
Design
Dustproof;
protection class IP 54 to IEC 529
(EN 60 529);
with either mounting bracket or
mounting clip
Options
Shrouded and weatherproof covers
Weight
Approx. 1.2 oz. (35 g)
Nominal voltage
12 V or 24 V;
other nominal voltages available on
request
Terminals
Quick connect terminals similar to
ISO 8092-1
coil and load 6.3 x 0.8 mm;
surfaces tin-plated or PCB terminals
Accessories
Connectors see page 188
Special models on request
– Integrated components: resistor,
varistor, diode
– Special labels
– Special cover shapes
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23 °C ambient temperature,
20-50% RH, 29.5 ± 1.0" Hg
(998.9 ±33.9 hPa).
Please also refer to the Application
Recommendations in this catalog
for general precautions.
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of
the relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and
to request our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without
notification. All rights of Tyco are reserved.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl