Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


0-1432219-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 0-1432219-1
Description  Plug-in relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Plug-in relays
Mini ISO relays
Power relay F4
Please observe the disclaimer.
35
Catalog 1308028
Issued 01-05
Coil data
Available for nominal voltages
12, 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.6 W
Nominal power consumption at nominal voltage with suppression resistor
1.8/2.1 W (standard/high performance 24 V)
Test voltage winding / contact
500 VACrms
Ambient temperature range
– 40 to + 125 °C
Operate time at nominal voltage
Typ. 7 ms
Release time at nominal voltage1)
Typ. 2 ms
1)
For unsuppressed relay coil
N.B.
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.
Mechanical data
Cover retention
Axial force
150 N (33.8 lbs)
Pull force
200 N (45 lbs)
Push force
200 N (45 lbs)
Terminals
Pull force
100 N (22.5 lbs)
Push force
100 N (22.5 lbs)
Resistance to bending, force applied to front
10 N (2.25 lbs)1)
Resistance to bending, force applied to side
10 N (2.25 lbs)1)
Torsion
0.3 Nm
Enclosures
Dust cover
Protects relay from dust. For use in passenger compartment or enclosures
Shrouded dust cover
Protects relay and relay connector (order separately) from dust and splash
Weatherproof cover
Mates with a connector (order separately) to seal relay from salt spray etc.
Recommended for under hood application
1)
Values apply 2 mm from the end of the terminal. When the force is removed, the terminal must not have moved by more than 0.3 mm.
Operating voltage range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
Ambient temperature vs. coil
voltage for continuous duty
100
90
80
70
60
50
40
90
95
100
105
110
115
120
125
130
135
140
145
150
Applied Coil Voltage (% of Nominal Voltage)
30
110
120
130
0 A Contact Load
8 A Contact Load
16 A Contact Load
24 A Contact Load
32 A Contact Load
40 A Contact Load
134_atcv
Battery voltage




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl