Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0402SFF150F Datasheet(PDF) 1 Page - Tyco Electronics

Part # 0402SFF150F
Description  Surface-mount Fuses Fundamentals
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0402SFF150F Datasheet(HTML) 1 Page - Tyco Electronics

  0402SFF150F Datasheet HTML 1Page - Tyco Electronics 0402SFF150F Datasheet HTML 2Page - Tyco Electronics 0402SFF150F Datasheet HTML 3Page - Tyco Electronics 0402SFF150F Datasheet HTML 4Page - Tyco Electronics 0402SFF150F Datasheet HTML 5Page - Tyco Electronics 0402SFF150F Datasheet HTML 6Page - Tyco Electronics 0402SFF150F Datasheet HTML 7Page - Tyco Electronics 0402SFF150F Datasheet HTML 8Page - Tyco Electronics 0402SFF150F Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
75
11
Surface-mount Fuses
Fundamentals
Overview
TE Circuit Protection offers the widest selection of surface-mount
fuses available for addressing a broad range of overcurrent
protection applications. Helping to prevent costly damage and
promote
a
safe
environment
for
electronic
and
electrical
equipment, our single-use chip fuses provide performance stability
to support applications with current ratings from .5A up to 20A.
TE Circuit Protection also offers the telecom FT600 fuse for
telecommunications applications. This telecom fuse helps comply
with
North
American
overcurrent
protection
requirements,
including Telcordia, GR-1089, TIA-968-A (formerly FCC Part 68),
and UL60950 3rd edition.
Multi-layer Design for Chip Fuses
The multi-layer design has the benefit of exposing more fuse
element surface area to the glass-ceramic absorption material.
When the fuse elements open, there is more material for the
vaporizing fuse metals to absorb into, resulting in a very efficient
and effective quenching of the fuse arc.
Figure 1 compared the multi-layer design of our SFF fuses with
standard glass coated designs. The glass coated designs rely on
the coating on only one side of the fuse element to absorb the
vaporizing fuse material when it opens. Therefore, there is much
less absorption material available to absorb the fuse metals. The
result can be prolonged arcing and possible coating breach.
Figure 2 shows how the absorption characteristics of the two
designs differ. The multi-layer design indicates a clean separation
with the fuse element evenly diffusing into the surrounding
ceramic substrate. In the glass coated design, the element
diffusion takes place in a small portion of the device and is only
absorbed by the glass material directly above the area of failure.
Glass/Ceramic
Substrate
Multiple Fuse
Elements
Substrate
Material
Single Fuse
Element
Single-layer Glass Coated Design
Multi-layer Design
Glass
Coating
Figure 1
Figure 2
Fault Zones
Multi-layer Design
Single-layer Glass Coated Design
Wire-In-Air Design for 2410SFV Fuses
The 2410(6125) is a Wire-In-Air SMD Fuse which is very suitable
for secondary level over current protection applications.
Figure 3 compared our straight wire element design 2410SFV
fuses with normal corrugating wire design fuse. The straight wire
element
in
air
performs
consistent
fusing
and
cutting
characteristics
together
with
excellent
inrush
current
withstanding capability.
Introduced PCB assembly technology into 2410SFV fuses design
and manufacture, we achieved on lead free completely and no
end cap falling off risk comparing with traditional ceramic body
with end cap fuse.
Glass fiber enforced
epoxy body
Ceramic body
Corrugate wire element
End cap plated with Tin
Straight wire element
Copper terminal
plated with Ni and Tin
Figure 3


Similar Part No. - 0402SFF150F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF150F/24 MACOM-0402SFF150F/24 Datasheet
180Kb / 4P
   Raychem Fast Acting Surface-Mount Fuses
0402SFF150F24 MACOM-0402SFF150F24 Datasheet
2Mb / 28P
   Surface-mount Fuses Fundamentals
More results

Similar Description - 0402SFF150F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
E63843-000 MACOM-E63843-000 Datasheet
2Mb / 28P
   Surface-mount Fuses Fundamentals
1206SFF500F32-2 MACOM-1206SFF500F32-2 Datasheet
965Kb / 28P
   Surface-mount Fuses Fundamentals
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
448 LITTELFUSE-448_10 Datasheet
204Kb / 4P
   Surface Mount Fuses
1600.50MR LITTELFUSE-1600.50MR Datasheet
202Kb / 4P
   Surface Mount Fuses
437 LITTELFUSE-437 Datasheet
184Kb / 4P
   Surface Mount Fuses
469 LITTELFUSE-469 Datasheet
199Kb / 4P
   Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com